Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH35UDPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG7PH35UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH35UDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG7PH35UDPBF_15 Datasheet HTML 2Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 3Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 4Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 5Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 6Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 7Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 8Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 9Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRG7PH35UDPbF/IRG7PH35UD-EP
6
www.irf.com
Fig. 20 - Typ. Diode IRR vs. diF/dt
VCC = 600V; VGE = 15V; IF = 20A; TJ = 150°C
Fig. 21 - Typ. Diode QRR vs. diF/dt
VCC = 600V; VGE = 15V; TJ = 150°C
Fig. 18 - Typ. Diode IRR vs. IF
TJ = 150°C
Fig. 19 - Typ. Diode IRR vs. RG
TJ = 150°C
Fig. 22 - Typ. Diode ERR vs. IF
TJ = 150°C
10
15
20
25
30
35
40
IF (A)
10
20
30
40
50
60
RG = 5.0Ω
RG = 10Ω
RG = 100Ω
RG = 47Ω
0
200 400 600 800 10001200140016001800
diF /dt (A/µs)
0
1000
2000
3000
4000
5000
6000
5.0Ω
10Ω
100Ω
47Ω 20A
40A
10A
10
15
20
25
30
35
40
IF (A)
0
500
1000
1500
2000
RG = 5.0Ω
RG = 10Ω
RG = 47Ω
RG = 100Ω
Fig. 23 - Typical Gate Threshold Voltage
(Normalized) vs. Junction Temperature
200 400
600 800 1000 1200 1400 1600
diF /dt (A/µs)
20
25
30
35
40
45
50
55
0
20
40
60
80
100
RG (Ω)
20
25
30
35
40
45
50
25
50
75
100
125
150
175
TJ , Temperature (°C)
1.0
2.0
3.0
4.0
5.0
IC = 600µA


Similar Part No. - IRG7PH35UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UDPBF IRF-IRG7PH35UDPBF Datasheet
466Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG7PH35UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com