Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP716MT15TG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP716MT15TG
Description  80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP716MT15TG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP716MT15TG Datasheet HTML 6Page - ON Semiconductor NCP716MT15TG Datasheet HTML 7Page - ON Semiconductor NCP716MT15TG Datasheet HTML 8Page - ON Semiconductor NCP716MT15TG Datasheet HTML 9Page - ON Semiconductor NCP716MT15TG Datasheet HTML 10Page - ON Semiconductor NCP716MT15TG Datasheet HTML 11Page - ON Semiconductor NCP716MT15TG Datasheet HTML 12Page - ON Semiconductor NCP716MT15TG Datasheet HTML 13Page - ON Semiconductor NCP716MT15TG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP716
http://onsemi.com
10
TYPICAL CHARACTERISTICS
5.0 V
15 V
24 V
10 V
20 V
4.0 V
5.0 V
15 V
24 V
10 V
20 V
Figure 3. NCP716x12xxx Output Voltage vs.
Temperature
Figure 4. NCP716x25xxx Output Voltage vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
1.190
1.195
1.200
1.205
1.210
1.215
1.220
100
80
60
40
20
0
−20
−40
2.490
2.494
2.498
2.502
2.506
2.510
2.514
Figure 5. NCP716x33xxx Output Voltage vs.
Temperature
Figure 6. NCP716x50xxx Output Voltage vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
3.284
3.288
3.292
3.296
3.300
3.304
3.308
120
80
60
40
20
0
−20
−40
4.945
4.955
4.965
4.975
4.985
4.995
5.005
Figure 7. NCP716x12xxx Output Voltage vs.
Output Current
Figure 8. NCP716x25xxx Output Voltage vs.
Output Current
OUTPUT CURRENT (mA)
OUTPUT CURRENT (mA)
70
60
50
40
30
20
10
0
1.190
1.194
1.198
1.202
1.206
1.210
1.214
70
60
50
40
30
20
10
0
2.46
2.47
2.48
2.49
2.50
2.51
2.52
120
120
120
VIN = 2.5 V
VIN = (5 V − 24 V)
IOUT = 1 mA
CIN = COUT = 1 mF
VIN = 3.5 V
VIN = (5 V − 24 V)
IOUT = 1 mA
CIN = COUT = 1 mF
VIN = (4.3 V − 24 V)
IOUT = 1 mA
CIN = COUT = 1 mF
VIN = 6.0 V
VIN = (8 V − 24 V)
IOUT = 1 mA
CIN = COUT = 1 mF
100
TA = 25°C
CIN = COUT = 1 mF
80
VIN = 3.0 V
80
TA = 25°C
CIN = COUT = 1 mF
VIN = 3.5 V


Similar Part No. - NCP716MT15TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP716MT15TG ONSEMI-NCP716MT15TG Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
More results

Similar Description - NCP716MT15TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
NCV8716 ONSEMI-NCV8716 Datasheet
620Kb / 16P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
April, 2015 ??Rev. 3
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com