Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401DY Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG401DY
Description  Improved, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401DY Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG401DY Datasheet HTML 1Page - Maxim Integrated Products DG401DY Datasheet HTML 2Page - Maxim Integrated Products DG401DY Datasheet HTML 3Page - Maxim Integrated Products DG401DY Datasheet HTML 4Page - Maxim Integrated Products DG401DY Datasheet HTML 5Page - Maxim Integrated Products DG401DY Datasheet HTML 6Page - Maxim Integrated Products DG401DY Datasheet HTML 7Page - Maxim Integrated Products DG401DY Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TA = TMIN to TMAX
V+ = 16.5V, V- = -16.5V,
VD = 15.5V,
VS = ±15.5V,
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
Improved, Dual, High-Speed Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Signals on S, D or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum
current rating.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+.......................................................................................44V
GND ...................................................................................25V
VL .................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs, VS, VD (Note 1) .......(V- - 2V) to (V+ + 2V) or 20mA
(whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Continuous Current, S or D .................................................20mA
Peak Current, S or D
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP(derate 10.53mW/°C above +70°C)...842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW
16-Pin CERDIP (derate 10.00mW/°C above 70°C) .......800mW
20-Pin LCC (derate 9.09mW/°C above +70°C) ............727mW
Operating Temperature Ranges
DG40_C_ .............................................................0°C to +70°C
DG40_D_ ..........................................................-40°C to +85°C
DG40_A_ ........................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
CONDITIONS
TEMP.
RANGE
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VANALOG (Note 3)
-15
+15
V
C,D
20
45
A
20
30
C,D
55
Drain-Source
On-Resistance
rDS(ON)
V+ = 13.5V, V- = -13.5V,
IS = -10mA,
VD = ±10V,
VINH = 2.4V,
VINL = 0.8V
A
45
0.5
2
Drain-Source
On-Resistance Match
Between Channels (Note 4)
∆rDS(ON)
V+ = 15V, V- = -15V,
IS = -10mA,
VD = ±10V
C, D, A
On-Resistance Flatness
(Note 4)
rFLAT(ON)
V+ = 15V, V- = -15V,
IS = -10mA,
VD = ±5V, 0V
C, D, A
3
C, D
-0.50
-0.01
0.50
A
-0.25
-0.01
0.25
C, D
-5
5
Source-Off
Leakage Current
(Note 7)
IS(OFF)
A
-10
10
nA
C, D
-0.50
-0.01
0.50
A
-0.25
-0.01
0.25
C, D
-5
5
Drain-Off
Leakage Current
(Note 7)
ID(OFF)
A
-10
10
nA
C, D
-1.0
-0.04
1.0
A
-0.4
-0.04
0.4
C, D
-10
10
Drain-On
Leakage Current
(Note 7)
ID(ON)
or
IS(ON)
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
A
-20
20
nA
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
3
6
SWITCH


Similar Part No. - DG401DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DY INTERSIL-DG401DY Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
DG401DY INTERSIL-DG401DY Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
logo
Vishay Siliconix
DG401DY VISHAY-DG401DY Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
logo
Renesas Technology Corp
DG401DY RENESAS-DG401DY Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG401DY-E3 VISHAY-DG401DY-E3 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results

Similar Description - DG401DY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com