Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP706MX300TAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP706MX300TAG
Description  1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP706MX300TAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP706MX300TAG Datasheet HTML 2Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 3Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 4Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 5Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 6Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 7Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 8Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 9Page - ON Semiconductor NCP706MX300TAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP706
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 2.95 V
−40
°C ≤ TJ ≤ 125°C; VIN = VOUT(NOM) + 0.3 V or 3.3 V, whichever is greater; IOUT = 10 mA, CIN = COUT = 4.7 mF, VEN = 0.9 V, unless
otherwise noted. Typical values are at TJ = +25°C. (Note 7)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.4
5.5
V
Undervoltage lock−out
VIN rising, IOUT = 0
UVLO
1.2
1.6
1.9
V
Output Voltage Accuracy
VOUT + 0.3 V ≤ VIN ≤ 4.5 V, IOUT = 0 – 1 A
VOUT
2.9205
2.95
2.9795
V
Line Regulation
VOUT + 0.3 V ≤ VIN ≤ 4.5 V, IOUT = 10 mA
RegLINE
2
mV
Load Regulation
IOUT = 0 mA to 1 A, VIN = 3.3 V
RegLOAD
2
mV
Load Transient
IOUT = 10 mA to 1 A in 10 ms, VIN = 3.5 V
COUT = 10 mF
TranLOAD
±120
mV
Dropout voltage (Note 8)
IOUT = 1 A, VOUT(nom) = 3.0 V
VDO
155
230
mV
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
1.1
A
Quiescent current
IOUT = 0 mA
IQ
170
230
mA
Ground current
IOUT = 1 A
IGND
200
mA
Shutdown current
VEN ≤ 0 V, VIN = 2.4 to 5.5 V
0.1
1
mA
EN Pin High Threshold
EN Pin Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
100
500
nA
Turn−on Time
COUT = 4.7 mF, from assertion EN pin to 98%
Vout(nom)
tON
150
ms
Power Supply Rejection Ratio
VIN = 3.5 V + 200 mVpp
modulation, VOUT = 2.95 V
IOUT = 0.5 A, COUT = 4.7 mF
f = 100 Hz
f = 1 kHz
f = 10 kHz
PSRR
65
58
52
dB
Output Noise Voltage
VOUT = 2.95 V, VIN = 4.0 V, IOUT = 0.5 A
f = 100 Hz to 100 kHz
VNOISE
300
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
7. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25
_C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
8. Characterized when VOUT falls 90 mV below the regulated voltage at VIN = 3.3 V, IOUT = 10 mA.


Similar Part No. - NCP706MX300TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706MX300TAG ONSEMI-NCP706MX300TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
NCP706MX300TAG ONSEMI-NCP706MX300TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
More results

Similar Description - NCP706MX300TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com