Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP705 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP705
Description  500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP705 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP705 Datasheet HTML 2Page - ON Semiconductor NCP705 Datasheet HTML 3Page - ON Semiconductor NCP705 Datasheet HTML 4Page - ON Semiconductor NCP705 Datasheet HTML 5Page - ON Semiconductor NCP705 Datasheet HTML 6Page - ON Semiconductor NCP705 Datasheet HTML 7Page - ON Semiconductor NCP705 Datasheet HTML 8Page - ON Semiconductor NCP705 Datasheet HTML 9Page - ON Semiconductor NCP705 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCP705
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 6. Output Voltage Noise Spectral Density for VOUT = 3.3 V, COUT = 10 mF
FREQUENCY (kHz)
1000
10
1
0.1
0.01
0.001
0.01
0.1
1
10
VIN = 3.8 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 10 mF
MLCC, X7R,
1206 size
IOUT = 10 mA IOUT = 100 mA
IOUT = 500 mA
1 mA
17.35
14.07
100 mA
17.43
14.29
300 mA
16.55
13.33
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
500 mA
16.48
13.20
100
IOUT = 300 mA
Figure 7. Output Voltage Noise Spectral Density for Adjustable Version – Different Output Voltage
FREQUENCY (kHz)
1000
10
1
0.1
0.01
0.001
0.01
0.1
1
10
VIN = VOUT +1 V
CIN = 1 mF
COUT = 10 mF
IOUT = 10 mA
VOUT = 3.3 V, R1 = 25k,
R2 = 8.2k
1.5 V
31.40
30.33
3.3 V
49.14
44.30
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
VOUT
100
VOUT = 1.5 V, R1 = 15k,
R2 = 13k
Figure 8. Output Voltage Noise Spectral Density for Adjustable Version for Various C1
FREQUENCY (kHz)
1000
10
1
0.1
0.01
0.001
0.01
0.1
1
10
none
50.17
43.85
100 pF
46.90
40.39
1 nF
36.92
27.99
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
10 nF
27.02
18.31
100
C1 = none
C1 = 100 pF
C1 = 1 nF
C1 = 10 nF
VIN = 4.3 V
VOUT = 3.3 V
R1 = 255k, R2 = 82k
CIN = COUT = 1 mF
IOUT = 10 mA


Similar Part No. - NCP705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP705 ONSEMI-NCP705 Datasheet
1Mb / 20P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2013 ??Rev. 2
NCP705 ONSEMI-NCP705 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
NCP705EMT33TCG ONSEMI-NCP705EMT33TCG Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
NCP705MT09TCG ONSEMI-NCP705MT09TCG Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
NCP705MT18TCG ONSEMI-NCP705MT18TCG Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com