Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP705 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP705
Description  500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP705 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP705_14 Datasheet HTML 1Page - ON Semiconductor NCP705_14 Datasheet HTML 2Page - ON Semiconductor NCP705_14 Datasheet HTML 3Page - ON Semiconductor NCP705_14 Datasheet HTML 4Page - ON Semiconductor NCP705_14 Datasheet HTML 5Page - ON Semiconductor NCP705_14 Datasheet HTML 6Page - ON Semiconductor NCP705_14 Datasheet HTML 7Page - ON Semiconductor NCP705_14 Datasheet HTML 8Page - ON Semiconductor NCP705_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP705
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name −
Fixed
Pin Name −
Adjustable
Description
1
OUT
OUT
Regulated output voltage pin. A small 1
mF ceramic capacitor is needed from this pin to
ground to assure stability.
2
N/C
ADJ
Feedback pin for set−up output voltage. Use resistor divider for voltage selection.
3
GND
GND
Power supply ground. Expose pad must be tied with GND pin. Soldered to the copper
plane allows for effective heat dissipation.
4
EN
EN
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts
the regulator into shutdown mode.
5
N/C
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
6
IN
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Adjustable Input
VADJ
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
Table 3. THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, WDFN6 2x2 mm
Thermal Resistance, Junction−to−Air
Thermal Resistance Parameter, Junction−to−Board
qJA
YJB
116.5
30
°C/W
3. Single component mounted on 1 oz, FR 4 PCB with 645 mm2 Cu area.


Similar Part No. - NCP705_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com