Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PH40UDPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PH40UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH40UDPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4PH40UDPBF Datasheet HTML 1Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 2Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 3Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 4Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 5Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 6Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 7Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 8Page - International Rectifier IRG4PH40UDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PH40UDPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
—
86
130
IC = 21A
Qge
Gate - Emitter Charge (turn-on)
—
13
20
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
—
29
44
VGE = 15V
td(on)
Turn-On Delay Time
—
46
—
TJ = 25°C
tr
Rise Time
—
35
—
ns
IC = 21A, VCC = 800V
td(off)
Turn-Off Delay Time
—
97
150
VGE = 15V, RG = 10Ω
tf
Fall Time
—
240 360
Energy losses include "tail" and
Eon
Turn-On Switching Loss
—
1.80
—
diode reverse recovery.
Eoff
Turn-Off Switching Loss
—
1.93
—
mJ
See Fig. 9, 10, 18
Ets
Total Switching Loss
—
3.73 4.6
td(on)
Turn-On Delay Time
—
42
—
TJ = 150°C,
See Fig. 11, 18
tr
Rise Time
—
32
—
ns
IC = 21A, VCC = 800V
td(off)
Turn-Off Delay Time
—
240
—
VGE = 15V, RG = 10Ω
tf
Fall Time
—
510
—
Energy losses include "tail" and
Ets
Total Switching Loss
—
7.04
—
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
—
13
—
nH
Measured 5mm from package
Cies
Input Capacitance
— 1800 —
VGE = 0V
Coes
Output Capacitance
—
120
—
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
—
18
—
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
—
63
95
ns
TJ = 25°C See Fig.
—
106 160
TJ = 125°C
14
IF = 8.0A
Irr
Diode Peak Reverse Recovery Current
—
4.5
8.0
A
TJ = 25°C See Fig.
—
6.2
11
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
—
140 380
nC
TJ = 25°C
See Fig.
—
335 880
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
—
133
—
A/µsTJ = 25°C
See Fig.
During tb
—85
—
TJ = 125°C
17
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltageƒ 1200 —
—
V
VGE = 0V, IC = 250µA
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage —
0.43
—
V/°C VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.43 3.1
IC = 21A
VGE = 15V
—
2.97
—
V
IC = 41A
See Fig. 2, 5
—
2.47
—
IC = 21A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
6.0
VCE = VGE, IC = 250µA
ΔVGE(th)/ΔTJ Temperature Coeff. of Threshold Voltage
—
-11
— mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance „
16
24
—
S
VCE = 100V, IC = 21A
ICES
Zero Gate Voltage Collector Current
—
—
250
µA
VGE = 0V, VCE = 1200V
—
— 5000
VGE = 0V, VCE = 1200V, TJ = 150°C
VFM
Diode Forward Voltage Drop
—
2.6
3.3
V
IC = 8.0A
See Fig. 13
—
2.4
3.1
IC = 8.0A, TJ = 125°C
IGES
Gate-to-Emitter Leakage Current
—
— ±100 nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - IRG4PH40UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH40UDPBF IRF-IRG4PH40UDPBF Datasheet
677Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIDDE
More results

Similar Description - IRG4PH40UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com