Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG421CJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG421CJ
Description  Improved Low-Power, CMOS Analog Switches with Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG421CJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG421CJ Datasheet HTML 1Page - Maxim Integrated Products DG421CJ Datasheet HTML 2Page - Maxim Integrated Products DG421CJ Datasheet HTML 3Page - Maxim Integrated Products DG421CJ Datasheet HTML 4Page - Maxim Integrated Products DG421CJ Datasheet HTML 5Page - Maxim Integrated Products DG421CJ Datasheet HTML 6Page - Maxim Integrated Products DG421CJ Datasheet HTML 7Page - Maxim Integrated Products DG421CJ Datasheet HTML 8Page - Maxim Integrated Products DG421CJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
I+
Positive Supply Current
CONDITIONS
SYMBOL
PARAMETER
µA
UNITS
-5.0
5.0
-1.0
0.01
1.0
MIN
TYP
MAX
(Note 2)
IN = 2.4V, all others = 0.8V
IINH
Input Current with Input Voltage High
µA
-0.50
0.005
0.50
IN = 0.8V, all others = 2.4V
IINL
Input Current with Input Voltage Low
µA
-0.50
0.005
0.50
(Note 3)
V+, V-
Power Supply Range
V
±4.5
±20
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
I-
Negative Supply Current
µA
-5.0
5.0
-1.0
-0.01
1.0
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
IGND
Ground Current
µA
-5.0
5.0
-1.0
-0.01
1.0
TA = +25°C
TA = TMIN to TMAX
Figure 2
tON
Turn-On Time
ns
300
150
250
200
ns
Figure 2
tOFF
Turn-Off Time
TA = +25°C
TA = -55°C to +125°C
VS = ±10V,
RL = 300Ω,
CL = 35pF,
Figure 3
tWW
Latch Timing
ns
200
200
TA = +25°C
TA = -55°C to +125°C
tDW
100
100
TA = +25°C
TA = -55°C to +125°C
tWD
100
60
TA = +25°C
525
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
IL
Logic Supply Current
µA
-5.0
5.0
-1.0
-0.01
1.0
Break-Before-Make Interval (Note 3)
tD
DG423, Figure 4
ns
TA = +25°C
10
15
Charge Injection (Note 3)
Q
CL = 10nF, VG = 0V,
RG = 0Ω, Figure 5
pC
TA = +25°C
72
Off-Isolation Rejection Ratio
(Note 6)
OIRR
RL = 100Ω, CL = 5pF,
f = 1MHz, Figure 6
dB
TA = +25°C
12
Drain-Off Capacitance
CD(OFF)
f = 1MHz, Figure 8
pF
TA = +25°C
90
Crosstalk (Note 7)
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 7
dB
TA = +25°C
12
Source-Off Capacitance
CS(OFF)
f = 1MHz, Figure 8
pF
Note 2: Typical values are for design aid only, are not guaranteed, and are not subject to production testing. The algebraic convention,
where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet.
Note 3: Guaranteed by design.
Note 4: On-resistance match between channels and flatness are guaranteed only with bipolar-supply operation. Flatness is defined as the dif-
ference between the maximum and minimum value of on-resistance as measured at the extremes of the specified analog signal range.
Note 5: Leakage parameters IS(OFF), ID(OFF), and ID(ON) are 100% tested at the maximum rated hot temperature and guaranteed by
correlation at +25°C.
Note 6: Off-Isolation Rejection Ratio = 20log (VD/VS), VD = output, VS = input to off switch.
Note 7: Between any two switches.
TA = +25°C
39
Drain-On Capacitance
CD(ON)
f = 1MHz, Figure 9
pF
TA = +25°C
39
Source-On Capacitance
CS(ON)
f = 1MHz, Figure 9
pF
INPUT
SUPPLY
DYNAMIC


Similar Part No. - DG421CJ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
More results

Similar Description - DG421CJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com