Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP703SN33T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP703SN33T1G
Description  300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP703SN33T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP703SN33T1G Datasheet HTML 2Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 3Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 4Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 5Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 6Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 7Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 8Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 9Page - ON Semiconductor NCP703SN33T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP703
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 11. Quiescent Current vs. Temperature
Figure 12. Quiescent Current vs. Input Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
9.0
9.5
10.0
11.0
11.5
12.5
13.5
14.0
6
5
4
3
2
0
10
20
30
40
Figure 13. Output Voltage vs. Input Voltage
Figure 14. Output Voltage vs. Temperature –
0.8 V
VIN, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
5.0
4.5
3.5
2.5
2.0
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100
80
60
40
20
0
−20
−40
0.795
0.796
0.798
0.799
0.800
0.802
0.804
0.805
Figure 15. Output Voltage vs. Temperature –
2.5 V
Figure 16. Output Voltage vs. Temperature –
3.3 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
80
60
40
20
0
−20
−40
2.4965
2.4975
2.4985
2.4995
2.5005
2.5015
2.5025
2.5035
120
80
60
40
20
0
−20
−40
3.2850
3.2875
3.2900
3.2925
3.2950
3.2975
3.3025
3.3050
120 140
0.797
0.801
0.803
VIN = 2 V
VOUT = 0.8 V
CIN = 1 mF
COUT = 1 mF
100
140
VIN = VOUT + 0.5 V
VOUT = 2.5 V
CIN = 1 mF
COUT = 1 mF
100
140
3.3000
VIN = VOUT + 0.5 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
120 140
10.5
12.0
13.0
VIN = VOUT + 0.5 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R
1206 size
VOUT = 2.5 V
VOUT = 0.8 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
VOUT = 3.3 V
MLCC, X7R
1206 size
1.5
3.0
4.0
5.5 6.0
CIN = 1 mF
COUT = 1 mF
MLCC, X7R
1206 size
VOUT = 2.5 V
VOUT = 0.8 V
VOUT = 3.3 V


Similar Part No. - NCP703SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP703SN33T1G ONSEMI-NCP703SN33T1G Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
September, 2012 ??Rev. 0
NCP703SN33T1G ONSEMI-NCP703SN33T1G Datasheet
947Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com