Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR400 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # BR400
Description  Over Current Protection (Hiccup Mode)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

BR400 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  BR400 Datasheet HTML 1Page - Arch Electronics Corp. BR400 Datasheet HTML 2Page - Arch Electronics Corp. BR400 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_1
update : 2015.03.16
DC-DC Brick
BR400 SERIES
400 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
Conditions: TA = 25°C (77°F), Airflow = 1.5 m/s (300 LFM), Vin = 48 V, unless otherwise notes.
Model No.
BR400-12S
BR400-12S-P
Other
Low level (V.DC.)
-0.7~1.2V
-0.7~1.2V
(The Low Electric Level is Effective)
Primary On/Off Voltage
High level (V.DC.)
2.8~8V
2.8~8V
(The Low Electric Level is Effective)
Primary On/Off Current
Low level (mA) (max.)
1mA
Low level (V.DC.)
0~0.8V
(The High Electric Level is Effective)
Secondary CTL Voltage
High level (V.DC.)
2.1~3.3V
(The High Electric Level is Effective)
Secondary CTL Current
Low level (mA) (max.)
1mA
Logic Input and Output Pins in the Communications Port
Logic Input Low level (V.DC.) (max.)
0.8V
Logic Input High Level (V.DC.) (max.)
3.6V
Logic Output Low Level (V.DC.) (max.)
0.25V
Logic Output High Level (V.DC.) (max.)
3.6V
PMBus Setting-up Time (ns.) (min.)
100
PMBus Holding Time (ns.) (min.)
0
PMBus Detected Precision (Vin=36 - 72 V; Iout=0 - 33 A;TA = -40°C to +85°C (-40°F to +185°F ))
Input Voltage Detected Precision (V.DC.)
1V
Output Voltage Detected Precision (V.DC.)
0.2V
Output Current Detected Precision (A)
1A
Output Power Detected Precision (W)
12.56W
Temperature Detected Precision (°C)
5°C
NOTE
DERATING
1. During the test of input reflected ripple current, the input terminal must be connected to a 12 uH inductor and a 220 uF electrolytic capacitor.
2. Point B, which is for testing the output voltage ripple, is 25 mm (0.98 in.) away from the Vout(+) pin.


Similar Part No. - BR400

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR400-12S ARCH-BR400-12S Datasheet
293Kb / 3P
   Input under Voltage Protection
BR400-12S-P ARCH-BR400-12S-P Datasheet
293Kb / 3P
   Input under Voltage Protection
logo
MIC GROUP RECTIFIERS
BR4005 MIC-BR4005 Datasheet
103Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
BR4005 WINNERJOIN-BR4005 Datasheet
167Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
BR4005L SECOS-BR4005L Datasheet
171Kb / 2P
   40.0 AMP Single Phase Bridge Rectifiers
More results

Similar Description - BR400

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR120 ARCH-BR120 Datasheet
286Kb / 3P
   Over Current Protection (Hiccup Mode)
BR240 ARCH-BR240 Datasheet
274Kb / 3P
   Over Current Protection (Hiccup Mode)
BRH100 ARCH-BRH100 Datasheet
384Kb / 4P
   Over Current Protection (Hiccup Mode)
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com