Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP703SN30T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP703SN30T1G
Description  300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP703SN30T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP703SN30T1G Datasheet HTML 4Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 5Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 6Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 7Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 8Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 9Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 10Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 11Page - ON Semiconductor NCP703SN30T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP703
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 23. Dropout vs. Output Current – 2.5 V
Figure 24. Dropout vs. Temperature – 2.5 V
IOUT, OUTPUT CURRENT (mA)
TJ, JUNCTION TEMPERATURE (°C)
250
200
150
100
300
50
0
0
50
100
150
200
250
140
120
80
60
40
0
−20
−40
0
25
50
100
125
150
200
250
Figure 25. Enable Threshold − High
Figure 26. Enable Threshold − Low
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
550
575
600
625
650
700
725
750
Figure 27. Output Current Limit
Figure 28. Short Circuit Limit
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
300
350
400
450
500
550
600
120
100
60
40
20
0
−20
−40
300
350
400
450
500
550
600
TJ = 25°C
TJ = −40°C
TJ = 125°C
VOUT = 2.5 V
CIN = 1 mF
COUT = 1 mF
VOUT = 2.5 V
CIN = 1 mF
COUT = 1 mF
IOUT = 300 mA
IOUT = 200 mA
IOUT = 100 mA
100
20
75
175
225
120
140
675
VOUT = 3.3 V
VIN = 3.8 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
100
80
60
40
20
0
−20
−40
550
575
600
625
650
700
725
750
120 140
675
VOUT = 3.3 V
VIN = 3.8 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
60
140
VIN = 2.3 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R,
size 1206
80
140
VIN = 2.3 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R,
size 1206


Similar Part No. - NCP703SN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP703SN30T1G ONSEMI-NCP703SN30T1G Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
September, 2012 ??Rev. 0
NCP703SN30T1G ONSEMI-NCP703SN30T1G Datasheet
947Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com