Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP700BMT30TBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP700BMT30TBG
Description  200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP700BMT30TBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP700BMT30TBG Datasheet HTML 1Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 2Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 3Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 4Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 5Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 6Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 7Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 8Page - ON Semiconductor NCP700BMT30TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NCP700B
http://onsemi.com
5
TYPICAL CHARACTERISTICS
1.764
1.776
1.788
1.800
1.812
1.824
1.836
Figure 3. Output Voltage vs. Junction
Temperature, VOUT = 1.8 V
TJ, JUNCTION TEMPERATURE (°C)
VIN = 2.5 V,
CIN = COUT = 1 mF,
Cnoise = 10 nF
−40
−20
0
20
40
60
80
100 120
2.7440
2.7627
2.7813
2.8000
2.8187
2.8373
2.8560
Figure 4. Output Voltage vs. Junction
Temperature, VOUT = 2.8 V
TJ, JUNCTION TEMPERATURE (°C)
VIN = 3.3 V,
CIN = COUT = 1 mF,
Cnoise = 10 nF
−40
−20
0
20
40
60
80
100 120
2.94
2.96
2.98
3.00
3.02
3.04
3.06
Figure 5. Output Voltage vs. Junction
Temperature, VOUT = 3.0 V
TJ, JUNCTION TEMPERATURE (°C)
VIN = 3.5 V,
CIN = COUT = 1 mF,
Cnoise = 10 nF
−40
−20
0
20
40
60
80
100 120


Similar Part No. - NCP700BMT30TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700BMT30TBG ONSEMI-NCP700BMT30TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
More results

Similar Description - NCP700BMT30TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com