Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP700CMT45TBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP700CMT45TBG
Description  200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP700CMT45TBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP700CMT45TBG Datasheet HTML 1Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 2Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 3Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 4Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 5Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 6Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 7Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 8Page - ON Semiconductor NCP700CMT45TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 1
1
Publication Order Number:
NCP700C/D
NCP700C
200 mA, Ultra Low Noise,
High PSRR, BiCMOS RF LDO
Regulator
Noise sensitive RF applications such as Power Amplifiers in cell
phones and precision instrumentation require very clean power
supplies. The NCP700C is 200 mA LDO that provides the engineer
with a very stable, accurate voltage with ultra low noise and very high
Power Supply Rejection Ratio (PSRR) suitable for RF applications. In
order to optimize performance for battery operated portable
applications, the NCP700C employs an advanced BiCMOS process to
combine the benefits of low noise and superior dynamic performance
of bipolar elements with very low ground current consumption at full
loads offered by CMOS.
Furthermore, in order to provide a small footprint for space
constrained applications, the NCP700C is stable with small, low value
capacitors and is available in a very small WDFN6 1.5 mm x 1.5 mm.
Features
Output Voltage Options:
4.5 V
Contact Factory for Other Voltage Options
Excellent Line and Load Regulation
Ultra Low Noise (typ. 10 mVrms)
High PSRR (typ 70 dB @ 1 kHz)
Stable with Ceramic Output Capacitors as low as 1 mF
Very Low Ground Current (typ. 70 mA @ no load)
Low Disable Mode Current (max. 1 mA)
Current Limit Protection
Thermal Shutdown Protection
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Smartphones / PDAs / Palmtops / GPS
Cellular Telephones (Power Amplifier)
Noise Sensitive Applications (RF, Video, Audio)
Analog Power Supplies
Battery Supplied Devices
NCP700C
IN
EN
OUT
BYP
GND
ON
OFF
6
4
2
1
3
Figure 1. NCP700C Typical Application
COUT
1
mF
CNOISE
10 nF
CIN
1
mF
VIN
VOUT
http://onsemi.com
See detailed ordering and shipping information on page 12 of
this data sheet.
ORDERING INFORMATION
WDFN6
CASE 511BJ
MARKING
DIAGRAM
PIN CONNECTIONS
X
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
X M
G
1
(Top View)
1
2
3
6
5
4
OUT
GND
BYP
IN
NC
EN


Similar Part No. - NCP700CMT45TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP700CMT45TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com