Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP700BMT25TBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP700BMT25TBG
Description  200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP700BMT25TBG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP700BMT25TBG Datasheet HTML 1Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 2Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 3Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 4Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 5Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 6Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 7Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 8Page - ON Semiconductor NCP700BMT25TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NCP700B
http://onsemi.com
2
NCP700B
IN
EN
OUT
BYP
GND
ON
OFF
1
6
2
3
4
Figure 1. NCP700B Typical Application (WDFN6)
COUT
1 mF
Cnoise
10 nF
CIN
1 mF
VIN
VOUT
RPD
RDIS
Figure 2. Simplified Block Diagram
PIN FUNCTION DESCRIPTION
WDFN
Pin No.
TSSOP−5
Pin No.
Pin Name
Description
1
1
IN
Input Voltage
2
2
GND
Power Supply Ground
3
5
OUT
Regulated Output Voltage
4
4
BYP
Noise reduction pin. (Connect 10 nF or 100 nF capacitor to GND)
6
3
EN
Enable pin: This pin allows on/off control of the regulator. To disable the device, connect to
GND. If this function is not in use, connect to Vin. Internal 5 MW Pull Down resistor is con-
nected between EN and GND.
5
-
N/C
Not connected


Similar Part No. - NCP700BMT25TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700BMT28TBG ONSEMI-NCP700BMT28TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
More results

Similar Description - NCP700BMT25TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com