Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP571MN12TBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP571MN12TBG
Description  150 mA CMOS Low Iq Low Output Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP571MN12TBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP571MN12TBG Datasheet HTML 1Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 2Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 3Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 4Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 5Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 6Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 7Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 8Page - ON Semiconductor NCP571MN12TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP571, NCV571
http://onsemi.com
4
5. NCP571
Tlow = −40°CThigh = +85°C
NCV571
Tlow = −40°CThigh = +125°C.
2.2
2.4
2.6
2.8
3.0
3.2
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
OUTPUT CURRENT (A)
Figure 3. Ground Pin Current vs. Output
Current
Vin = 3 V
Vin = 6 V
TA = 25°C
Vout = 0.8 V
2.2
2.4
2.6
2.8
3.0
3.2
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Vin = 3 V
Vin = 6 V
TA = 25°C
Vout = 1.2 V
OUTPUT CURRENT (A)
Figure 4. Ground Pin Current vs. Output
Current
1.5
2.0
2.5
3.0
3.5
−40
−20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
°C)
Figure 5. Ground Pin Current vs. Temperature
Vin = 3 V
Vin = 6 V
Vout = 0.8 V
Iout = 30 mA
1.5
2.0
2.5
3.0
3.5
−40
−20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
°C)
Figure 6. Ground Pin Current vs. Temperature
Vin = 3 V
Vin = 6 V
Vout = 1.2 V
Iout = 30 mA
0
0.5
1
1.5
2
2.5
3
3.5
0
2468
10
12
INPUT VOLTAGE (V)
Figure 7. Ground Pin Current vs. Input Voltage
TA = 25°C
Vout = 0.8 V
Iout = 30 mA
0
0.5
1
1.5
2
2.5
3
02
468
10
12
INPUT VOLTAGE (V)
Figure 8. Ground Pin Current vs. Input Voltage
TA = 25°C
Vout = 1.2 V
Iout = 30 mA


Similar Part No. - NCP571MN12TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571MN12TBG ONSEMI-NCP571MN12TBG Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP571MN12TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com