Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP698 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP698
Description  150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP698 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP698_14 Datasheet HTML 1Page - ON Semiconductor NCP698_14 Datasheet HTML 2Page - ON Semiconductor NCP698_14 Datasheet HTML 3Page - ON Semiconductor NCP698_14 Datasheet HTML 4Page - ON Semiconductor NCP698_14 Datasheet HTML 5Page - ON Semiconductor NCP698_14 Datasheet HTML 6Page - ON Semiconductor NCP698_14 Datasheet HTML 7Page - ON Semiconductor NCP698_14 Datasheet HTML 8Page - ON Semiconductor NCP698_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP698
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TA = 25°C, unless otherwise noted. Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Iout = 1.0 mA)
1.3 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
3.5 V
5.0 V
Vout
1.261
1.455
1.746
2.425
2.744
2.940
3.234
3.430
4.900
1.3
1.5
1.8
2.5
2.8
3.0
3.3
3.5
5.0
1.339
1.545
1.854
2.575
2.856
3.060
3.366
3.570
5.100
V
Output Voltage (TA = −40 to +85°C, Iout = 1.0 mA)
1.3 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
3.5 V
5.0 V
Vout
1.261
1.455
1.746
2.425
2.716
2.910
3.201
3.430
4.900
1.3
1.5
1.8
2.5
2.8
3.0
3.3
3.5
5.0
1.339
1.545
1.854
2.575
2.884
3.090
3.399
3.570
5.100
V
Line Regulation
1.5 V−4.4 V (Vin = Vo(nom.) + 1.0 V to 6.0 V
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
10
10
20
20
mV
Load Regulation (Iout = 10 mA to 150 mA)
Regload
20
60
mV
Output Current (Vout = (Vout at Iout = 150 mA) −3.0%)
1.3 V to 3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
150
150
280
280
mA
Dropout Voltage (TA = −40°C to 85°C, Iout = 80 mA, Measured at Vout −3.0%)
1.3 V
1.5 V
1.8 V
2.5 V−2.8 V
3.0 V−3.5 V
5.0 V
Vin−Vout
750
550
400
250
200
140
1200
800
550
400
350
200
mV
Dropout Voltage (TA = −40°C to 85°C, Iout = 150 mA, Measured at Vout −3.0%)
1.3 V
1.5 V
1.8 V
2.5 V−2.8 V
3.0 V−3.5 V
5.0 V
Vin−Vout
1050
870
700
520
370
280
1500
1070
900
700
525
400
mV
Disable Current (Enable Input = 0 V)
IDIS
0.1
1.0
mA
Quiescent Current (Enable Input = Vin, Iout = 0 mA)
IQ
2.5
6.0
mA
Ground Current (Enable Input = Vin, Iout = 1.0 mA to 150 mA)
IGND
2.5
6.0
mA
Output Short Circuit Current
1.3 V to 3.9 V (Vin = Vnom + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
300
300
600
600
mA
Output Voltage Noise (f = 100 Hz to 100 kHz, Vout = 3.0 V)
Vn
100
mVrms


Similar Part No. - NCP698_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698SQ13T1G ONSEMI-NCP698SQ13T1G Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698SQ15T1G ONSEMI-NCP698SQ15T1G Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698SQ18T1G ONSEMI-NCP698SQ18T1G Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698SQ25T1G ONSEMI-NCP698SQ25T1G Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698SQ28T1G ONSEMI-NCP698SQ28T1G Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
More results

Similar Description - NCP698_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com