Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP690MN25T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP690MN25T2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP690MN25T2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP690MN25T2G Datasheet HTML 4Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 5Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 6Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 7Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 8Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 9Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 10Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 11Page - ON Semiconductor NCP690MN25T2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP690, NCP691, NCP692, NCV8690
http://onsemi.com
8
Figure 13. Output Voltage vs. Temperature
(Vout = 2.5 V)
TA, AMBIENT TEMPERATURE (°C)
110
85
135
60
35
10
−15
−40
2.46
2.47
2.48
2.49
2.50
2.51
2.54
2.55
2.52
2.53
IOUT = 1 A
IOUT = 100 mA
VIN = VOUT_NOM + 1 V = 3.5 V,
CIN = COUT = 10 mF
Figure 14. Output Voltage vs. Temperature
(Vout = 3.3 V)
TA, AMBIENT TEMPERATURE (°C)
110
85
135
60
35
10
−15
−40
3.25
3.27
3.29
3.35
3.31
3.33
IOUT = 1 A
IOUT = 100 mA
VIN = VOUT_NOM + 1 V = 4.3 V,
CIN = COUT = 10 mF


Similar Part No. - NCP690MN25T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690MN25T2G ONSEMI-NCP690MN25T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP690MN25T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com