Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP571MN08TBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP571MN08TBG
Description  150 mA CMOS Low Iq Low Output Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP571MN08TBG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP571MN08TBG Datasheet HTML 1Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 2Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 3Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 4Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 5Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 6Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 7Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 8Page - ON Semiconductor NCP571MN08TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCP571, NCV571
http://onsemi.com
2
TSOP−5 package
1
3
NC
Vin
2
GND
Enable
4
Vout
5
(Top View)
DFN6 package
1
3
Enable
Vout
2
NC
GND
4
Vin
6
(Top View)
EP
5 NC
PIN CONNECTIONS
PIN FUNCTION DESCRIPTION
DFN6
TSOP−5
Pin Name
Description
1
5
Vout
Regulated output voltage.
2
4
NC
No Internal Connection. It is recommended to connect this pin to GND potential.
3
2
GND
Power supply ground.
4
3
Enable
This input is used to place the device into low−power standby. When this input is
pulled low, the device is disabled. If this function is not used, Enable pin should be
connected to Vin.
5
NC
No Internal Connection. It is recommended to connect this pin to GND potential.
6
1
Vin
Positive power supply input voltage.
EP
EP
No Internal Connection. It is recommended to connect this pin to GND potential.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
0 to 12
V
Enable Voltage
VEN
−0.3 to Vin + 0.3
V
Output Voltage
Vout
−0.3 to Vin + 0.3
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
NCP571
NCV571
TA
−40 to +85
−40 to +125
°C
Storage Temperature
Tstg
−55 to +150
°C
ESD Capability, Human Body Model (Note 1)
ESDHBM
2000
V
ESD Capability, Machine Mode (Note 1)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 1)
ESDCDM
1000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD Charged Device Model tested per EIA/JES D22/C101, Field Induced Charge Model (Jedec Standard)
2. Latchup capability (85
°C) $100 mA DC with trigger voltage.
THERMAL CHARACTERISTICS
Rating
Symbol
Test Conditions
Typical Value
Unit
Junction−to−Ambient
TSOP−5
RqJA
1 oz Copper Thickness, 100 mm2
250
°C/W
PSIJ−Lead 2
TSOP−5
YJ−L2
1 oz Copper Thickness, 100 mm2
68
°C/W
Junction−to−Ambient
DFN6
RqJA
1 oz Copper Thickness, 100 mm2
190
°C/W
PSIJ−Lead 2
DFN6
YJ−L2
1 oz Copper Thickness, 100 mm2
84
°C/W
NOTE:
Single component mounted on an 80 x 80 x 1.5 mm FR4 PCB with stated copper head spreading area. Using the following
boundary conditions as stated in EIA/JESD 51−1, 2, 3, 7, 12.


Similar Part No. - NCP571MN08TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571MN08TBG ONSEMI-NCP571MN08TBG Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP571MN08TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com