Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV571SN10T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV571SN10T1G
Description  150 mA CMOS Low Iq Low Output Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV571SN10T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV571SN10T1G Datasheet HTML 3Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 4Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 5Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 6Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 7Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 8Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 9Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 10Page - ON Semiconductor NCV571SN10T1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP571, NCV571
http://onsemi.com
8
Figure 20.
Vin
Vin
GND
Enable
NC
GND
Vout
Vout
GND
C1
C2
0.1
mF
NL17SZ16
NCP571
0.1
mF
3.3 V
0 V
Enable
2.7 V
2.7 V
0 V
Hints
Please be sure the Vin and GND lines are sufficiently wide.
When the impedance of these lines is high, there is a chance
to pick up noise or cause the regulator to malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short as
possible.
Thermal
As power across the NCP571 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and also the ambient
temperature effect the rate of temperature rise for the part.
This is stating that when the NCP571 has good thermal
conductivity through the PCB, the junction temperature will
be relatively low with high power dissipation applications.
The maximum dissipation the package can handle is given
by:
P
D +
T
J(max) * TA
RqJA
If junction temperature is not allowed above the
maximum 125
°C, then the NCP571 can dissipate up to
400 mW @ 25
°C.
The power dissipated by the NCP571 can be calculated
from the following equation:
Ptot + Vin(max) IGND ) Iout * Vout *Iout
If a 150 mA output current is needed then the ground
current from the data sheet is 4.0
mA.


Similar Part No. - NCV571SN10T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV571SN10T1G ONSEMI-NCV571SN10T1G Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCV571SN10T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com