Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PC40SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PC40SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40SPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4PC40SPBF_15 Datasheet HTML 1Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 2Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 3Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 4Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 5Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 6Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 7Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 8Page - International Rectifier IRG4PC40SPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRG4PC40SPbF
www.irf.com
5
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
0
1000
2000
3000
4000
1
1 0
100
CE
V
, Collector-to-Em itter Voltage (V)
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GE
ies
ge
gc
c e
res
gc
oes
ce
gc
Cies
Cres
C oes
0
4
8
12
16
20
0
2 0
4 0
6 0
8 0
100
120
g
Q , Total Gate Charge (nC)
A
V
= 400V
I
= 31A
CE
C
7.3
7.4
7.5
7.6
7.7
7.8
0
1020
3040
5060
G
R , Gate Resistance (
Ω)
A
V
= 480V
V
= 15V
T
= 25°C
I
= 31A
CC
GE
J
C
1
10
100
-60
-40
-20
0
20
40
60
80
100 120 140 160
R
= 10
V
= 15V
V
= 480V
A
T , Junction Tem perature (°C)
J
I = 62A
I = 31A
I = 16A
G
GE
CC
C
C
C


Similar Part No. - IRG4PC40SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC40SPBF IRF-IRG4PC40SPBF Datasheet
627Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
More results

Similar Description - IRG4PC40SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com