Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG308A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG308A
Description  Quad, SPST Analog Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG308A Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG308A Datasheet HTML 1Page - Maxim Integrated Products DG308A Datasheet HTML 2Page - Maxim Integrated Products DG308A Datasheet HTML 3Page - Maxim Integrated Products DG308A Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Quad, SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.) (Note 2)
8
27
Drain-Off
Capacitance
CD(OFF)
8
pF
Channel-On
Capacitance
CD(ON) +
CS(ON)
27
pF
VIN = 0V (DG308A), VIN = 15V (DG309),
f = 140kHz, VS = 0V
VIN = 0V (DG308A), VIN = 15V (DG309),
VD = VS = 0V
-100
Negative Supply
Current
I-
-100
µA
All channels on or off,
VIN = 0V or 15V
TA = TMAX
-10
Charge Injection
Q
-10
pC
CL = 0.01µF, VGEN = 0V, RGEN = 0Ω
90
150
Turn-Off Time
tOFF
90
150
ns
130
200
78
11
Turn-On Time
tON
130
200
ns
Off Isolation
(Note 3)
OIRR
78
dB
Source-Off
Capacitance
CS(OFF)
Figure 1
11
pF
VIN = 0V (DG308A), VIN = 15V (DG309),
ZL = 75Ω, VS = 2Vp-p, f = 500kHz
VIN = 0V (DG308A), VIN = 15V (DG309),
f = 140kHz, VS = 0V
Figure 1
-100 -0.001 100
-10
-0.001
10
TA = +25°C
100
I+
100
µA
All channels on or off,
VIN = 0V or 15V
TA = TMAX
-100 0.001
100
Positive Supply
Current
-10
0.001
10
TA = +25°C
DG30_C/D
MIN
TYP
MAX
PARAMETER
SYMBOL
DG30_AK
MIN
TYP
MAX
UNITS
CONDITIONS
Note 1: All leads are soldered or welded to the PC board.
Note 2: The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3: Off isolation = 20log10 VD/VS, VD = output, VS = input to off switch.
50%
OV
VS
0V
tON
tOFF
0.9VO
0.9VO
LOGIC
INPUT IN1
tr < 20ns
tf < 20ns
SWITCH
INPUT
SWITCH
OUTPUT VO
SWITCH
INPUT
VS = +3V
SWITCH
OUTPUT
VO
LOGIC
INPUT
D1
S1
IN1
+15V
V+
GND
0V
V-
-15V
RL
1k
CL
35pF
VO = VS
RL
RL + r DS(ON)
(REPEAT TEST FOR S2, S3, AND S4)
Figure 1. Switching-Time Test Circuit
SUPPLY
DYNAMIC


Similar Part No. - DG308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
52Kb / 5P
   Quad Monolithic SPST CMOS Analog Switches
Rev. E, 28-Apr-97
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG308A VISHAY-DG308A Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG308A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
   QUAD SPST JFET ANALOG SWITCHES
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com