Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP502SQ35T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP502SQ35T2G
Description  80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502SQ35T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP502SQ35T2G Datasheet HTML 1Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 2Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 3Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 4Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 5Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 6Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 7Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 8Page - ON Semiconductor NCP502SQ35T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP502, NCV502
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive power supply input voltage.
2
GND
Power supply ground.
3
Enable
This input is used to place the device into low−power standby. When this input is pulled low, the device is
disabled. If this function is not used, Enable should be connected to Vin.
4
N/C
No internal connection.
5
Vout
Regulated output voltage.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
12
V
Enable Voltage
Enable
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Power Dissipation and Thermal Characteristics
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature
TJ
+150
C
Operating Ambient Temperature
NCP502
NCV502
TA
−40 to +85
−40 to +125
C
Storage Temperature
Tstg
−55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Latchup capability (85C) 100 mA DC with trigger voltage.
THERMAL CHARACTERISTICS
Rating
Symbol
Test Conditions
Value
Unit
Thermal Characteristics, TSOP−5 (Note 2)
Thermal Resistance, Junction−to−Air (Note 3)
RqJA
1 oz Copper Thickness, 100 mm2
205
C/W
Thermal Resistance, Junction−to−Ambient, SC70−5
RqJA
400
W
C/W
NOTE: Single component mounted on a 80 x 80 x 15 mm FR4 PCB with stated copper head spreading area. Using the following
boundary conditions as stated in EIA/JESD 51−1, 2, 3, 7, 12.
2. True no connect. Printed circuit board traces are allowable.
3. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V..


Similar Part No. - NCP502SQ35T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502SQ35T2G ONSEMI-NCP502SQ35T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP502SQ35T2G ONSEMI-NCP502SQ35T2G Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
More results

Similar Description - NCP502SQ35T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com