Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDF8546_SDS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8546_SDS
Description  I2C-bus controlled 4 ??45 W best efficiency amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8546_SDS Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8546_SDS_15 Datasheet HTML 1Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 2Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 3Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 4Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 5Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 6Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 7Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 8Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The TDF8546 is one of a new generation of complementary quad Bridge-Tied Load (BTL)
audio power amplifiers intended for automotive applications. It has a best efficiency mode
with full I2C-bus controlled diagnostics, including start-up diagnostics. The TDF8546 can
operate at a battery voltage as low as 6 V making this amplifier suitable for stop/start-car
operation.
The new best efficiency principle uses a patented switch technique which reduces
switching distortion. To reduce power dissipation, the new best efficiency principle uses
the audio information on all four channels instead of only the front or rear signals.
Dissipation is more than 65 % less than standard BTL when used for front and rear
correlated audio signals. Dissipation is 35 % less than standard BTL when used for
uncorrelated (delayed) audio signals between front and rear. It is 17 % less for
uncorrelated audio signals when the front or rear information is used.
The amplifier uses a complementary DMOS output stage in a Silicon-On-Insulator (SOI)
based BCD process. The DMOS output stage ensures a high-power output signal with
perfect sound quality. The SOI-based BCD process ensures a robust amplifier, where
latch-up cannot occur, with good separation between the four independent channels, with
every component isolated and without substrate currents.
2.
Features and benefits
Stop/start-car prepared: keeps operating without audible disturbance during engine
start at a battery voltage as low as 6 V
New best efficiency mode with patented low switching distortion
Extreme best efficiency mode (uses information from 4 channels) with 17 % less
dissipation for uncorrelated signals compared to 2-channel best efficiency mode.
Operates in either legacy (non-I2C-bus) or I2C-bus modes (3.3 V and 5 V compliant)
Four hardware-programmable I2C-bus addresses
Can drive 2
 and 4  loads
Speaker fault detection
Start-up diagnostics with load detection: open, short, present; filtered for door-slam
and chatter relays
AC load (tweeter) detection with low and high current mode
Gain select after start-up without audible disturbance
Independent selectable soft mute of front and rear channels
Programmable gain (26 dB and 16 dB), independently programmable for the front and
rear channels
TDF8546
I2C-bus controlled 4
 45 W best efficiency amplifier
Rev. 8 — 27 September 2013
Product short data sheet


Similar Part No. - TDF8546_SDS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results

Similar Description - TDF8546_SDS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
logo
STMicroelectronics
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
   4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
December 2014 Rev 6
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
   4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 8
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com