Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP154MX150280TAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP154MX150280TAG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP154MX150280TAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP154MX150280TAG Datasheet HTML 2Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 3Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 4Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 5Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 6Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 7Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 8Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 9Page - ON Semiconductor NCP154MX150280TAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP154
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Quiescent Current vs. Temperature
Figure 10. Line Regulation vs. Temperature –
VOUT = 1.0 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
80
65
50
35
5
−10
−25
−40
40
42
46
48
52
54
58
60
95
65
50
20
5
−10
−25
−40
−0.10
−0.08
−0.04
0.06
0
0.04
0.08
0.10
Figure 11. Line Regulation vs. Temperature –
VOUT = 3.3 V
Figure 12. Load Regulation vs. Temperature –
VOUT = 1.0 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
80
65
50
35
5
−10
−25
−40
−0.10
0.06
−0.04
−0.02
0.02
0.04
0.08
0.10
80
65
50
20
5
−10
−25
−40
0
3
9
12
15
21
27
30
Figure 13. Load Regulation vs. Temperature –
VOUT = 3.3 V
Figure 14. Dropout Voltage vs. Output Current
– VOUT = 3.3 V
TJ, JUNCTION TEMPERATURE (°C)
IOUT, OUTPUT CURRENT (mA)
95
65
35
20
5
−10
−25
−40
0
3
9
12
18
21
27
30
275
225
175
125
100
75
50
0
0
25
50
75
125
150
175
200
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
44
50
56
20
95
35
80
−0.06
−0.02
0.02
VIN = 2.5 V
VOUT = 1.0 V
CIN = COUT = 1 mF
20
95
−0.08
−0.06
0
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
VIN = 2.5 V
VOUT = 1.0 V
CIN = COUT = 1 mF
6
18
24
35
95
50
80
6
15
24
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
25
150
200
250
300
100
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
TJ = 85°C
TJ = 25°C
TJ = −40°C


Similar Part No. - NCP154MX150280TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
More results

Similar Description - NCP154MX150280TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com