Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8594 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8594
Description  I2C-bus controlled 4 ??50 W power amplifier
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8594 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8594_15 Datasheet HTML 2Page - NXP Semiconductors TDA8594_15 Datasheet HTML 3Page - NXP Semiconductors TDA8594_15 Datasheet HTML 4Page - NXP Semiconductors TDA8594_15 Datasheet HTML 5Page - NXP Semiconductors TDA8594_15 Datasheet HTML 6Page - NXP Semiconductors TDA8594_15 Datasheet HTML 7Page - NXP Semiconductors TDA8594_15 Datasheet HTML 8Page - NXP Semiconductors TDA8594_15 Datasheet HTML 9Page - NXP Semiconductors TDA8594_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TDA8594
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 11 June 2013
6 of 49
NXP Semiconductors
TDA8594
I2C-bus controlled 4
 50 W power amplifier
7.2 Output stage
The output stage of each amplifier channel consists of two PMOS power transistors and
two NMOS transistors in a BTL configuration. The process used is the BCDMOS process
with an isolated substrate, Silicon On Insulator (SOI) process, which has almost no
parasitic components and therefore prevents latch-up.
7.3 Distortion (clip) detection
If the output of the amplifier starts clipping to the supply voltage or to ground, the output
will become distorted. If the distortion per channel exceeds a selectable threshold (2 %,
5 % or 10 %), one of the two diagnostic pins (DIAG pin or STB pin) will be activated. To be
able to detect if, for instance, the front channels (channel 1 and channel 3) or rear
channels (channel 2 and channel 4) are clipping, the clip information can be directed per
channel to the DIAG pin or the STB pin. It is possible to have only the clip information on
the diagnostic pins by disabling the temperature and load information on the DIAG pin. In
this mode the temperature and load protection are still functional but can only be read via
the I2C-bus.
7.4 Output protection and short-circuit operation
When a short-circuit to ground, VP or across the load occurs on one or more outputs of an
amplifier, only the amplifier with the short-circuit is switched off. The channel that has a
short-circuit and the type of short-circuit can be read-back via the I2C-bus. If the DIAG pin
is enabled for load fault information (IB2[D4] = 0) the DIAG pin will be pulled LOW. After
16 ms the amplifier will be switched on again and, if the short-circuit conditions still occur,
the amplifier will be switched off.
The 16 ms cycle will reduce the dissipation. To prevent audible distortion, the amplifier
channel with the short-circuit can be disabled via the I2C-bus.
7.5 SOAR protection
The output transistors are protected by Safe Operating ARea (SOAR) protection. The
TDA8594 has a two-stage SOAR protection:
If the differential output voltage across the load is less than 1 V, and the current
through the load is more than 4 A, the amplifier channel will be switched off for 16 ms.
To prevent incorrect switch-off with an inductive load or very high input signals, the
condition (Vo < 1 V and IL > 4 A) must exist for more than 300 s.
If the differential output voltage across the load is more than 1 V, and the current
through the load is more than 8 A, the amplifier channel will be switched off for 16 ms.
7.6 Speaker protection
To prevent damage of the speaker when one side of the speaker is connected to ground,
a missing current protection is implemented. When in one channel the current in the high
side power is not equal to the current in the low side power, a fault condition is assumed
and the channel will be switched off. The speaker protection will be activated under the
following conditions:
Vo < 1.75 V and Imissing(det) >1 A for 80 s
Vo > 1.75 V and Imissing(det) >3 A for 80 s


Similar Part No. - TDA8594_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8594J NXP-TDA8594J Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594SD NXP-TDA8594SD Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
More results

Similar Description - TDA8594_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com