Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP154 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP154
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP154 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP154 Datasheet HTML 1Page - ON Semiconductor NCP154 Datasheet HTML 2Page - ON Semiconductor NCP154 Datasheet HTML 3Page - ON Semiconductor NCP154 Datasheet HTML 4Page - ON Semiconductor NCP154 Datasheet HTML 5Page - ON Semiconductor NCP154 Datasheet HTML 6Page - ON Semiconductor NCP154 Datasheet HTML 7Page - ON Semiconductor NCP154 Datasheet HTML 8Page - ON Semiconductor NCP154 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 2
1
Publication Order Number:
NCP154/D
NCP154
Dual 300 mA, Low IQ, Low
Dropout, Dual Input Voltage
Regulator
The NCP154 is 300 mA, Dual Output Linear Voltage Regulator that
offers two independent input pins and provides a very stable and
accurate voltage with ultra low noise and very high Power Supply
Rejection Ratio (PSRR) suitable for RF applications. The device
doesn’t require any additional noise bypass capacitor to achieve ultra
low noise performance. In order to optimize performance for battery
operated portable applications, the NCP154 employs the Adaptive
Ground Current Feature for low ground current consumption during
light-load conditions.
Features
Operating Input Voltage Range: 1.9 V to 5.25 V
Two Independent Input Voltage Pins
Two Independent Output Voltage (for detail please refer to Ordering
Information)
Low IQ of typ. 55 mA per Channel
High PSRR: 75 dB at 1 kHz
Very Low Dropout: 140 mV Typical at 300 mA
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in XDFN8 1.2 × 1.6 mm Package
Active Output Discharge for Fast Output Turn-Off
These are Pb-free Devices
Typical Applications
Smartphones, Tablets
Wireless Handsets, Wireless LAN, Bluetooth®, ZigBee® Interfaces
Other Battery Powered Applications
IN1
IN2
EN1
EN2
OUT1
OUT2
GND
NCP154
VOUT1
VOUT2
COUT1
1
mF
COUT2
1
mF
CIN2
1
mF
CIN1
1
mF
VIN1
VIN2
Figure 1. Typical Application Schematic
XDFN8, 1.2x1.6
CASE 711AS
MARKING DIAGRAM
http://onsemi.com
PIN CONNECTIONS
2
4
GND
OUT1
3
OUT2
7
5
EN2
IN1
6
IN2
EP
1
GND
8
EN1
See detailed ordering, marking and shipping information in the
package dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
XDFN8
(Top View)
X
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
XM
G


Similar Part No. - NCP154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
More results

Similar Description - NCP154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com