Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP152 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP152
Description  Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP152 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP152 Datasheet HTML 5Page - ON Semiconductor NCP152 Datasheet HTML 6Page - ON Semiconductor NCP152 Datasheet HTML 7Page - ON Semiconductor NCP152 Datasheet HTML 8Page - ON Semiconductor NCP152 Datasheet HTML 9Page - ON Semiconductor NCP152 Datasheet HTML 10Page - ON Semiconductor NCP152 Datasheet HTML 11Page - ON Semiconductor NCP152 Datasheet HTML 12Page - ON Semiconductor NCP152 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP152
http://onsemi.com
9
Figure 27. Output Voltage Noise Spectral Density for VOUT = 1.8 V, COUT = 220 nF
FREQUENCY (kHz)
1000
10
1
0.1
0.01
10
Figure 28. Output Voltage Noise Spectral Density for VOUT = 1.8 V, COUT = 1 mF
Figure 29. Output Voltage Noise Spectral Density for VOUT = 2.8 V, COUT = 220 nF
VIN = 2.8 V
VOUT = 1.8 V
CIN = 0.22 mF
COUT = 0.22 mF
MLCC, X7R,
1206 size
1 mA
68.07
67.07
10 mA
67.30
66.31
150 mA
69.74
68.80
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
FREQUENCY (kHz)
FREQUENCY (kHz)
100
1000
10
1
0.1
0.01
100
1000
10
1
0.1
0.01
100
IOUT = 1 mA
IOUT = 150 mA
1 mA
76.23
75.33
10 mA
67.12
66.12
150 mA
69.06
68.12
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
IOUT = 10 mA
IOUT = 1 mA
IOUT = 150 mA
1 mA
93.42
91.99
10 mA
92.88
91.45
150 mA
94.67
93.26
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
IOUT = 10 mA
IOUT = 1 mA
IOUT = 150 mA
IOUT = 10 mA
1
0.1
0.01
0.001
10
1
0.1
0.01
0.001
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R,
1206 size
10
1
0.1
0.01
0.001
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
MLCC, X7R,
1206 size


Similar Part No. - NCP152

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521 ONSEMI-NCP1521 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1521 ONSEMI-NCP1521 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1521AMUTBG ONSEMI-NCP1521AMUTBG Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521ASNT1G ONSEMI-NCP1521ASNT1G Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
More results

Similar Description - NCP152

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com