Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7128AH_7129AH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7128AH_7129AH
Description  Digital video encoder
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7128AH_7129AH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7128AH_7129AH_15 Datasheet HTML 2Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 3Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 4Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 5Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 6Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 7Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 8Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 9Page - NXP Semiconductors SAA7128AH_7129AH_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
2003 Dec 09
6
Philips Semiconductors
Product specification
Digital video encoder
SAA7128AH; SAA7129AH
6
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
RES
1
reserved pin; do not connect
SP
2
I
test pin; connected to digital ground for normal operation
AP
3
I
test pin; connected to digital ground for normal operation
LLC1
4
I
line-locked clock input; this is the 27 MHz master clock
VSSD1
5
supply
digital ground 1
VDDD1
6
supply
digital supply voltage 1
RCV1
7
I/O
raster control 1 for video port; this pin receives/provides a VS/FS/FSEQ signal
RCV2
8
I/O
raster control 2 for video port; this pin provides an HS pulse of programmable
length or receives an HS pulse
MP7
9
I
double-speed 54 MHz MPEG port; it is an input for
“ITU-R BT.656” style
multiplexed CB-Y-CR data; data is sampled on the rising and falling clock edge;
data sampled on the rising edge is then sent to the encoding part of the device;
data sampled on the falling edge is sent to the RGB part of the device (or vice
versa, depending on programming)
MP6
10
I
MP5
11
I
MP4
12
I
MP3
13
I
MP2
14
I
MP1
15
I
MP0
16
I
VDDD2
17
supply
digital supply voltage 2
VSSD2
18
supply
digital ground 2
RTCI
19
I
real-time control input; if the LLC1 clock is provided by an SAA7111 or SAA7151B,
RTCI should be connected to the RTCO pin of the respective decoder to improve
the signal quality
n.c.
20
not connected
SA
21
I
select I2C-bus address; LOW selects slave address 88H, HIGH selects slave
address 8CH
DUMP2
22
O
current return path 2 for DAC
RED
23
O
analog output of RED (CR) signal
C
24
O
analog output of chrominance (CVBS) signal
VDDA2
25
supply
analog supply voltage 2 for analog outputs
GREEN
26
O
analog output of GREEN (Y) signal
VBS
27
O
analog output of VBS (CVBS) signal
VDDA1
28
supply
analog supply voltage 1 for analog outputs
BLUE
29
O
analog output of BLUE (CB) signal
CVBS
30
O
analog output of CVBS (CSYNC) signal
RSET
31
O
a resistor of 1 k
Ω (Rout =37kΩ) connected to VSSA sets the full-scale DAC current
DUMP1
32
O
current return path 1 for DAC
VSSA
33
supply
analog ground for the DAC reference ladder and the oscillator
XTALO
34
O
crystal oscillator output
XTALI
35
I
crystal oscillator input; if the oscillator is not used, this pin should be connected to
ground
VDDA3
36
supply
analog supply voltage 3 for the DAC reference ladder and the oscillator


Similar Part No. - SAA7128AH_7129AH_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128AH PHILIPS-SAA7128AH Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
More results

Similar Description - SAA7128AH_7129AH_15

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com