Electronic Components Datasheet Search |
|
NCP130BMX115TCG Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCP130BMX115TCG Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 9 page NCP130 www.onsemi.com 2 EN CURRENT LIMIT THERMAL LIMIT UVLO + − VOLTAGE REFERENCE IN BIAS GND OUT *Active DISCHARGE ENABLE BLOCK *Active output discharge function is present only in NCP130AMXyyyTCG devices. yyy denotes the particular output voltage option. Figure 2. Simplified Schematic Block Diagram 150 W PIN FUNCTION DESCRIPTION Pin No. Pin Name Description 1 OUT Regulated Output Voltage pin 2 N/C Not internally connected 3 EN Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the regulator into shutdown mode. 4 BIAS Bias voltage supply for internal control circuits. This pin is monitored by internal Under-Voltage Lockout Circuit. 5 GND Ground pin 6 IN Input Voltage Supply pin Pad Should be soldered to the ground plane for increased thermal performance. ABSOLUTE MAXIMUM RATINGS Rating Symbol Value Unit Input Voltage (Note 1) VIN −0.3 to 6 V Output Voltage VOUT −0.3 to (VIN+0.3) ≤ 6 V Chip Enable and Bias Input VEN, VBIAS −0.3 to 6 V Output Short Circuit Duration tSC unlimited s Maximum Junction Temperature TJ 150 °C Storage Temperature TSTG −55 to 150 °C ESD Capability, Human Body Model (Note 2) ESDHBM 2000 V ESD Capability, Machine Model (Note 2) ESDMM 200 V Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area. 2. This device series incorporates ESD protection (except OUT pin) and is tested by the following methods: ESD Human Body Model tested per EIA/JESD22−A114 ESD Machine Model tested per EIA/JESD22−A115 Latchup Current Maximum Rating tested per JEDEC standard: JESD78. THERMAL CHARACTERISTICS Rating Symbol Value Unit Thermal Characteristics, XDFN6 1.2 mm x 1.2 mm Thermal Resistance, Junction−to−Air RqJA 170 °C/W |
Similar Part No. - NCP130BMX115TCG |
|
Similar Description - NCP130BMX115TCG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |