Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE20S0003 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE20S0003
Description  High Power Handling Capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20S0003 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE20S0003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE20S0003 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TECHNICAL DATA SHEET
PE20S0003
PE20S0003 REV 1.0
4 Way High Power Broadband Combiner From 20 MHz
to 1,000 MHz Rated at 300 Watts, Type N
4 Way High Power Broadband Combiner From 20 MHz to 1,000 MHz Rated at 300 Watts, Type N from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 Way High Power Broadband Combiner From 20 MHz to 1,000 MHz Rated at 300 Watts, Type
N PE20S0003
URL: http://www.pasternack.com/4-way-n-broadband-power-combiner-20-1000-mhz-300-watts-pe20s0003-p.aspx


Similar Part No. - PE20S0003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0001 PASTERNACK-PE20S0001 Datasheet
545Kb / 7P
   High Power Handling Capability
PE20S0002 PASTERNACK-PE20S0002 Datasheet
540Kb / 7P
   High Power Handling Capability
PE20S0004 PASTERNACK-PE20S0004 Datasheet
461Kb / 6P
   High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
More results

Similar Description - PE20S0003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
   High Power Handling Capability
PE20S0017 PASTERNACK-PE20S0017 Datasheet
545Kb / 7P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com