Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE13003A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHE13003A
Description  NPN power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE13003A Datasheet(HTML) 1 Page - NXP Semiconductors

  PHE13003A_15 Datasheet HTML 1Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 2Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 3Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 4Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 5Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 6Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 7Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 8Page - NXP Semiconductors PHE13003A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
High voltage, high speed, planar passivated NPN power switching transistor in a SOT54
(TO-92) 3 leads plastic package.
1.2 Features and benefits
Fast switching
High voltage capability of 700 V
1.3 Applications
Compact fluorescent lamps (CFL)
Electronic lighting ballasts
Inverters
Off-line self-oscillating power supplies
1.4 Quick reference data
PHE13003A
NPN power transistor
Rev. 02 — 29 July 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC
collector current
DC; see Figure 2
--1
A
Ptot
total power
dissipation
Tlead ≤ 25 °C; see Figure 1
--2.1
W
VCESM
collector-emitter peak
voltage
VBE = 0 V
--700
V
Static characteristics
hFE
DC current gain
IC =0.8 A; VCE =5V;
Tlead =25°C; see Figure 8;
see Figure 9
57.5
20


Similar Part No. - PHE13003A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE13003AU PHILIPS-PHE13003AU Datasheet
49Kb / 7P
   Silicon Diffused Power Transistor
September 1999 Rev 1.000
More results

Similar Description - PHE13003A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com