Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB-4220CS-MCA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RSB-4220CS-MCA1E
Description  TI Sitara AM3352 Cotrex A8 3.5" Single board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RSB-4220CS-MCA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RSB-4220CS-MCA1E Datasheet HTML 1Page - Advantech Co., Ltd. RSB-4220CS-MCA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
RSB-4220
Ordering Information
Part Number
CPU
Memory eMMC
LCD SD
CAN UART GPIO
Isolation
ESD
USB host/
OGT
LAN
mini-PCIe Operation
Temperature
RSB-4220CS-MCA1E TI AM3352
1.0GHz
512MB
4GB
1
1
1
6
8
Serial: No
GPIO: Yes
Serial: Yes
GPIO: Yes
1
2
1
0 ~ 60° C
RSB-4220WS-MCA1E TI AM3352
1.0GHz
512MB
4GB
1
1
1
6
8
Serial: No
GPIO: Yes
Serial: Yes
GPIO: Yes
1
2
1
-40 ~ 85° C
Packing List
Part Number
Description
Quantity
1652006830-01
TERMINAL BLOCK 20x2P 2.54mm 180D
0156-1A40
1
RSB-4220CS-MCA1E
RSB-4220 1GHz for 0~60°
Choose
Any One
RSB-4220WS-MCA1E
RSB-4220 1GHz for -40~85°
Optional Accessories
Part Number
Description
1652006830-01
20x2P 2.54mm 180D 0156-1A40
96PSA-A36W12R1
ADP A/D 100-240V 36W 12V
96LEDK-A070WV40NB1
7" LED PANEL 350N 800X480(G) G070VW01 V1
1700022248-02
M CABLE USB-A(M)/USB-A(M) 15CM AMK-V006E
1700021565-11
Debug Cable
SQF-ISDS1-4G-82C
SQF SD C6 SLC 4G, 1CH
170203183C
Power Cord 3P Europe (WS-010+WS-083)183cm
1700023307-01
A cable DC JACK/Plug-in 1*2P-5.0 10cm RSB-4220
1700023366-01
Backlight cable
1700024543-01
LVDS cable
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700001524
Power Cord 3P UL 10A 125V 180cm
2*256Mb*8 DDR3
TI Sitara
AM3352 1GHz
SN75LVDS83ADGGR
LVDS
RTL8211E
RJ45
RTL8211E
RJ45
USB Host/OTG
MINI-PCIE SOCKET
SD SOCKET 4bit
4MB NOR FLASH
4GB NAND FLASH
MAX3243
SN65HVD232
RGMII1
RGMII2
USB1
USB0
SDIO
I2C0
SPI0
eMMC
DDR3
UART1
UART2
UART5
UART3
UART4
UART0
PCA9538
MAX3243
LCD
CAN0
MAX3243
GPIO


Similar Part No. - RSB-4220CS-MCA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4220CS-MCA1E ADVANTECH-RSB-4220CS-MCA1E Datasheet
819Kb / 2P
   TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com