Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GFX-N3A6-50FMS1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # GFX-N3A6-50FMS1
Description  3 year Longevity, Graphic Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

GFX-N3A6-50FMS1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  GFX-N3A6-50FMS1_13 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice
Last updated: 03 Sep-2013
Introduction
Introduction
Introduction
Introduction
Advantech is a leading global company in embedded computing solution and services. Advantech keeps researching and
developing innovative solutions by listening to customer's needs and analyzing users’ scenarios. Advantech Graphic cards provide 3
year longevity to match industry product demand. NVIDIA GeForce GT 640 provides high performance, multi display, one slot solution.
Specification
Specification
Specification
Specification
Graphics Processing Unit
GPU
NVIDIA GeForce GT 640
Process Technology
28nm
Graphics Clock
900MHz
Form Factor
ATX (160*112mm)
GPU Interface
PCI Express® 3.0 (X16)
CUDA Core
384 Cores
HDCP
YES
DirectX® capability
DirectX® 11
Nvidia Technology
NVIDIA PhysX technology and NVIDIA PureVideo HD technology
OpenGL
OpenGL 4.2
Memory
Memory Clock and Amount
891 MHz
Configuration, Type
DDR3 1G 128-bit
Display Interfaces
DVI + DVI-D + MINI HDMI
Order Information
Order Information
Order Information
Order Information
Model
Product Description
GFX-N3A6-50FMS1
NVIDIA GT640, 1G, PCI-E 16X, DVI-I + DVI-D + MINI HDMI, Fansink
GFX-N3A6-50
Features
Features
Features
Features
NVIDIA GeForce GT 640
PCI Express® 3.0 (X16)
Form Factor: 160mm x 112mm
Memory: 128-bit wide, 1 GB, DDR3
DVI-I + DVI-D + MINI HDMI
Cooler: 1 slot
Microsoft DirectX 11 Support
Integrated Audio for HDMI
3 year supply
3 year Longevity, Graphic Card
Design & Manufacturing Services
Design & Manufacturing Services
Design & Manufacturing Services
Design & Manufacturing Services
This product is for ODM only
ODM products are designed for customers with consistent orders
and specific design requirements. ODM products are subject to
minimum annual order quantities and engineering charges.
Evaluation units are available that are not limited to the above
conditions. ODM customers are served by dedicated Advantech
project teams.
For sales inquiries and further information,
please contact:
Embedded.graphic@advantech.com.tw


Similar Part No. - GFX-N3A6-50FMS1_13

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GFX-N3A6-01FMS3 ADVANTECH-GFX-N3A6-01FMS3 Datasheet
84Kb / 1P
   3 year Longevity, Graphic Card
GFX-N3A6-01 ADVANTECH-GFX-N3A6-01_13 Datasheet
84Kb / 1P
   3 year Longevity, Graphic Card
More results

Similar Description - GFX-N3A6-50FMS1_13

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GFX-N3A6-01 ADVANTECH-GFX-N3A6-01_13 Datasheet
84Kb / 1P
   3 year Longevity, Graphic Card
GFX-A3T2-01 ADVANTECH-GFX-A3T2-01_13 Datasheet
75Kb / 1P
   3 year Longevity, Graphic Card
GFX-A5T7-10 ADVANTECH-GFX-A5T7-10_13 Datasheet
74Kb / 1P
   5 year Longevity, Muti-display Graphic Card
GFX-A5T7-90 ADVANTECH-GFX-A5T7-90_13 Datasheet
86Kb / 1P
   5 year Longevity, Muti-display Graphic Card
GFX-A5T7-40 ADVANTECH-GFX-A5T7-40_13 Datasheet
84Kb / 1P
   5 year Longevity, Muti-display Graphic Card
logo
CRYSTEK CORPORATION
CRBSCS-01-1244.160 CRYSTEKMICROWAVE-CRBSCS-01-1244.160 Datasheet
192Kb / 2P
   3 ppm 1st year, 1 ppm every year thereafter
logo
Recom International Pow...
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
   Railway-Converter with 3 year Warranty
logo
Ultralife Corporation.
CR17335-10 ULTRALIFE-CR17335-10 Datasheet
279Kb / 2P
   10-year Spiral 2/3 A
05 FEB 18 Rev:-
logo
Recom International Pow...
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
   AC/DC-Converter with 3 year Warranty
logo
PHOENIX CONTACT
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
   Supports month-day-year, day-month-year, and year-month-day formats
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com