Electronic Components Datasheet Search |
|
GFX-N3A6-01 Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
GFX-N3A6-01 Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
|
1 / 1 page All product specifications are subject to change without notice Last updated: 10-Sep-2013 Introduction Introduction Introduction Introduction Advantech is a leading global company in embedded computing solution and services. Advantech keeps researching and developing innovative solutions by listening to customer's needs and analyzing users’ scenarios. Advantech Graphic cards provide 3 year longevity to match industry product demand. NVIDIA GeForce GT 640 provides high performance, multi display, low profile type, one slot, fansink solution. Specifications Specifications Specifications Specifications Graphics Processing Unit GPU NVIDIA GeForce GT 640 Process Technology 28nm Graphics Clock 900MHz Form Factor Low Profile (168*69mm) GPU Interface PCI Express® 3.0 (X16) CUDA Core 384 Cores HDCP YES DirectX® capability DirectX® 11 Nvidia Technology NVIDIA PhysX technology and NVIDIA PureVideo HD technology OpenGL OpenGL 4.2 Memory Memory Clock and Amount 891 MHz Configuration, Type DDR3 1G 128-bit Display Interfaces DVI + HDMI + VGA Order Order Order Order Information Information Information Information Model Product Description GFX-N3A6-01FMS3 NVIDIA GT640, 1G, PCI-E 16X, DVI-I + HDMI + VGA, Low profile GFX-N3A6-01 Features Features Features Features NVIDIA GeForce GT 640 PCI Express® 3.0 (X16) Form Factor: 145mm x 69mm Memory: 128-bit wide, 1 GB, DDR3 DVI-I + HDMI +VGA Cooler: 1 slot Support Low Profile Microsoft DirectX 11 Support Integrated Audio for HDMI 3 year supply 3 year Longevity, Graphic Card Design & Manufacturing Services Design & Manufacturing Services Design & Manufacturing Services Design & Manufacturing Services This product is for ODM only ODM products are designed for customers with consistent orders and specific design requirements. ODM products are subject to minimum annual order quantities and engineering charges. Evaluation units are available that are not limited to the above conditions. ODM customers are served by dedicated Advantech project teams. For sales inquiries and further information, please contact: Embedded.graphic@advantech.com.tw |
Similar Part No. - GFX-N3A6-01_13 |
|
Similar Description - GFX-N3A6-01_13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |