Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV60101DMTWTBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSV60101DMTWTBG
Description  60 V, 1 A, Low VCE(sat) NPN Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV60101DMTWTBG Datasheet(HTML) 2 Page - ON Semiconductor

  NSV60101DMTWTBG Datasheet HTML 1Page - ON Semiconductor NSV60101DMTWTBG Datasheet HTML 2Page - ON Semiconductor NSV60101DMTWTBG Datasheet HTML 3Page - ON Semiconductor NSV60101DMTWTBG Datasheet HTML 4Page - ON Semiconductor NSV60101DMTWTBG Datasheet HTML 5Page - ON Semiconductor NSV60101DMTWTBG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSS60101DMT
www.onsemi.com
2
Table 1. ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (IC = 10 mA, IB = 0)
V(BR)CEO
60
V
Collector−Base Breakdown Voltage (Ic = 0.1 mA, IE = 0)
V(BR)CBO
80
V
Emitter−Base Breakdown Voltage (IE = 0.1 mA, IC = 0)
V(BR)EBO
6
V
Collector Cutoff Current (VCB = 60 V, IE = 0)
ICBO
100
nA
Emitter Cutoff Current (VBE = 5.0 V)
IEBO
100
nA
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = 100 mA, VCE = 2.0 V)
(IC = 500 mA, VCE = 2.0 V)
(IC = 1 A, VCE = 2.0 V)
(IC = 2 A, VCE = 2.0 V
hFE
150
120
90
35
250
240
180
55
Collector−Emitter Saturation Voltage (Note 4)
(IC = 500 mA, IB = 50 mA)
(IC = 1 A, IB = 50 mA)
(IC = 1 A, IB = 100 mA)
VCE(sat)
0.063
0.130
0.115
0.100
0.200
0.180
V
Base
*Emitter Saturation Voltage (Note 4)
(IC = 500 mA, IB = 50 mA)
(IC = 1 A, IB = 50 mA)
(IC = 1 A, IB = 100 mA)
VBE(sat)
1.0
1.0
1.1
V
Base−Emitter Turn−on Voltage (Note 4)
(IC = 500 mA, VCE = 2 V)
VBE(on)
0.9
V
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 V, f = 1.0 MHz)
Cobo
10
pF
Cutoff Frequency
(IC = 50 mA, VCE = 2.0 V, f = 100 MHz)
fT
180
MHz
SWITCHING TIMES
Delay Time (VCC = 10 V, IC = 0.5 A, IB1 = 25 mA, IB2 = −25 mA)
td
13
ns
Rise Time (VCC = 10 V, IC = 0.5 A, IB1 = 25 mA, IB2 = −25 mA)
tr
18
ns
Storage Time (VCC = 10 V, IC = 0.5 A, IB1 = 25 mA, IB2 = −25 mA)
ts
700
ns
Fall Time (VCC = 10 V, IC = 0.5 A, IB1 = 25 mA, IB2 = −25 mA)
tf
80
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%


Similar Part No. - NSV60101DMTWTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV60101DMTWTBG ONSEMI-NSV60101DMTWTBG Datasheet
96Kb / 6P
   NPN Transistors
July, 2016 ??Rev. 2
More results

Similar Description - NSV60101DMTWTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60100DMT ONSEMI-NSS60100DMT Datasheet
117Kb / 6P
   60 V, 1 A, Low VCE(sat) PNP Transistors
November, 2014 ??Rev. 1
NSV60601MZ4T3G ONSEMI-NSV60601MZ4T3G Datasheet
110Kb / 6P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3
NSS60601MZ4 ONSEMI-NSS60601MZ4 Datasheet
111Kb / 5P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
September, 2007 - Rev. 0
NSS60201LT1G ONSEMI-NSS60201LT1G Datasheet
81Kb / 5P
   60 V, 4.0 A, Low VCE(sat) NPN Transistor
December, 2007 - Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com