Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS60100DMTTBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS60100DMTTBG
Description  60 V, 1 A, Low VCE(sat) PNP Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS60100DMTTBG Datasheet(HTML) 1 Page - ON Semiconductor

  NSS60100DMTTBG Datasheet HTML 1Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 2Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 3Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 4Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 5Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 1
1
Publication Order Number:
NSS60100DMT/D
NSS60100DMT
60 V, 1 A, Low VCE(sat) PNP
Transistors
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC−DC converters and LED lightning,
power management
…etc. In the automotive industry they can be used
in air bag deployment and in the instrument cluster. The high current
gain allows e2PowerEdge devices to be driven directly from PMU’s
control outputs, and the Linear Gain (Beta) makes them ideal
components in analog amplifiers.
Features
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
NSV60100DMTWTBG − Wettable Flanks Device
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Base Voltage
VCBO
60
Vdc
Emitter−Base Voltage
VEBO
6
Vdc
Collector Current − Continuous
IC
1
A
Collector Current − Peak
ICM
2
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance Junction−to−Ambient
(Notes 1 and 2)
RqJA
55
°C/W
Total Power Dissipation per Package @
TA = 25°C (Note 2)
PD
2.27
W
Thermal Resistance Junction−to−Ambient
(Note 3)
RqJA
69
°C/W
Power Dissipation per Transistor @ TA = 25°C
(Note 3)
PD
1.8
W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
1. Per JESD51−7 with 100 mm2 pad area and 2 oz. Cu (Dual Operation).
2. PD per Transistor when both are turned on is one half of Total PD or 1.13 Watts.
3. Per JESD51−7 with 100 mm2 pad area and 2 oz. Cu (Single−Operation).
AP = Specific Device Code
M
= Date Code
G
= Pb−Free Package
AP M
G
G
1
2
3
6
5
4
WDFN6
CASE 506AN
MARKING
DIAGRAM
1
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
NSS60100DMTTBG
WDFN6
(Pb−Free)
3000/Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
(Note: Microdot may be in either location)
NSV60100DMTWTBG
WDFN6
(Pb−Free)
3000/Tape &
Reel
60 Volt, 1 Amp
PNP Low VCE(sat) Transistors
www.onsemi.com


Similar Part No. - NSS60100DMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T1G ONSEMI-NSS60101DMR6T1G Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T2G ONSEMI-NSS60101DMR6T2G Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
96Kb / 6P
   NPN Transistors
July, 2016 ??Rev. 2
More results

Similar Description - NSS60100DMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
NSV60200LT1G ONSEMI-NSV60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com