Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS60100DMT Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSS60100DMT
Description  60 V, 1 A, Low VCE(sat) PNP Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS60100DMT Datasheet(HTML) 6 Page - ON Semiconductor

  NSS60100DMT Datasheet HTML 1Page - ON Semiconductor NSS60100DMT Datasheet HTML 2Page - ON Semiconductor NSS60100DMT Datasheet HTML 3Page - ON Semiconductor NSS60100DMT Datasheet HTML 4Page - ON Semiconductor NSS60100DMT Datasheet HTML 5Page - ON Semiconductor NSS60100DMT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NSS60100DMT
www.onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
SEATING
PLANE
D
E
0.10 C
A3
A
A1
0.10 C
WDFN6 2x2, 0.65P
CASE 506AN
ISSUE F
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.25
0.35
D
2.00 BSC
D2
0.57
0.77
0.90
1.10
E
2.00 BSC
0.25 REF
E2
e
0.65 BSC
K
0.20
0.30
L
0.15 BSC
F
PIN ONE
REFERENCE
0.08 C
0.10 C
NOTE 4
A
0.10 C
NOTE 3
L
e
D2
E2
b
B
3
6
6X
1
K
4
0.05 C
D2
F
MOUNTING FOOTPRINT
BOTTOM VIEW
SOLDERMASK DEFINED
DIMENSIONS: MILLIMETERS
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
DETAIL A
DETAIL B
A
B
TOP VIEW
C
SIDE VIEW
PLATING
---
0.10
L1
A
0.10 CB
A
0.10 CB
6X
0.47
2.30
1.10
0.77
2X
1.74
0.65
PITCH
6X
0.35
1
PACKAGE
OUTLINE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NSS60100DMT/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSS60100DMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T1G ONSEMI-NSS60101DMR6T1G Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T2G ONSEMI-NSS60101DMR6T2G Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
96Kb / 6P
   NPN Transistors
July, 2016 ??Rev. 2
More results

Similar Description - NSS60100DMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
NSV60200LT1G ONSEMI-NSV60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com