Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV40501UW3T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSV40501UW3T2G
Description  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV40501UW3T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NSV40501UW3T2G Datasheet HTML 1Page - ON Semiconductor NSV40501UW3T2G Datasheet HTML 2Page - ON Semiconductor NSV40501UW3T2G Datasheet HTML 3Page - ON Semiconductor NSV40501UW3T2G Datasheet HTML 4Page - ON Semiconductor NSV40501UW3T2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS40501UW3, NSV40501UW3
http://onsemi.com
3
−55°C (5 V)
−55°C (2 V)
25°C (5 V)
25°C (2 V)
150°C (2 V)
150°C (5 V)
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
0.001
IC, COLLECTOR CURRENT (A)
0.05
0
0.01
0.1
1.0
10
0.10
0.15
0.20
IC/IB = 10
VCE(sat) = 150°C
25°C
−55°C
0.001
IC, COLLECTOR CURRENT (A)
0.20
0.05
0
0.01
0.1
1.0
10
0.10
0.15
0.40
IC/IB = 100
VCE(sat) = −55°C
25°C
150°C
0.35
150°C
25°C
−55°C
Figure 3. DC Current Gain vs.
Collector Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.01
0.001
1.0
0.4
0.1
0.001
IC, COLLECTOR CURRENT (A)
0.6
0.4
0.2
IB, BASE CURRENT (mA)
0.01
1.0
0.6
0.4
0.2
0
0.01
0.1
10
1.0
100
0.1
0.6
0.8
0.8
0.3
150°C
25°C
−55°C
0.8
1.0
1.0
10
100
150
200
250
350
400
450
550
0.001
0.01
0.1
1.0
10
1.0
1.1
1.2
10
IC = 500 mA
10 mA
100 mA
300 mA
VCE = 2.0 V
500
0.7
0.5
0.3
0.9
0.25
0.30
300
0.5
0.7
0.9
IC/IB = 10


Similar Part No. - NSV40501UW3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV40501UW3T2G ONSEMI-NSV40501UW3T2G Datasheet
109Kb / 5P
   40 V, 5.0 A, Low VCE(sat) NPN Transistor
August, 2013 ??Rev. 5
More results

Similar Description - NSV40501UW3T2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com