Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40302PDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS40302PDR2G
Description  Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40302PDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NSS40302PDR2G_15 Datasheet HTML 1Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 2Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 3Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 4Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 5Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 6Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 7Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 8Page - ON Semiconductor NSS40302PDR2G_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 2
1
Publication Order Number:
NSS40302P/D
NSS40302PDR2G
Complementary 40 V, 6.0 A,
Low VCE(sat) Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are surface mount devices featuring ultra low saturation
voltage (VCE(sat)) and high current gain capability. These are designed
for use in low voltage, high speed switching applications where
affordable efficient energy control is important.
Typical applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Features
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
NPN
PNP
VCEO
40
−40
Vdc
Collector-Base Voltage
NPN
PNP
VCBO
40
−40
Vdc
Emitter-Base Voltage
NPN
PNP
VEBO
6.0
−7.0
Vdc
Collector Current − Continuous
NPN
PNP
IC
3.0
−3.0
A
Collector Current − Peak
NPN
PNP
ICM
6.0
−6.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
NSS40302PDR2G
SOIC−8
(Pb−Free)
2500 /
Tape & Reel
DEVICE MARKING
SOIC−8
CASE 751
STYLE 16
www.onsemi.com
40 VOLTS, 6.0 AMPS
COMPLEMENTARY LOW
VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 80 mW
COLLECTOR
7,8
2
BASE
1
EMITTER
COLLECTOR
5,6
4
BASE
3
EMITTER
1
8
C40302
AYWW
G
G
1
8
C40302 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
NSV40302PDR2G
SOIC−8
(Pb−Free)
2500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NSS40302PDR2G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40302PDR2G ONSEMI-NSS40302PDR2G Datasheet
125Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
September, 2008 ??Rev. 0
More results

Similar Description - NSS40302PDR2G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40302PDR2G ONSEMI-NSS40302PDR2G Datasheet
125Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
September, 2008 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
   Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS40300MDR2G ONSEMI-NSS40300MDR2G Datasheet
112Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
May, 2008 ??Rev. 1
NSS40300MDR2G ONSEMI-NSS40300MDR2G_11 Datasheet
142Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 2
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSV60601MZ4T3G ONSEMI-NSV60601MZ4T3G Datasheet
110Kb / 6P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com