Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40201LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSS40201LT1G
Description  40 V, 2.0 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40201LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NSS40201LT1G_13 Datasheet HTML 1Page - ON Semiconductor NSS40201LT1G_13 Datasheet HTML 2Page - ON Semiconductor NSS40201LT1G_13 Datasheet HTML 3Page - ON Semiconductor NSS40201LT1G_13 Datasheet HTML 4Page - ON Semiconductor NSS40201LT1G_13 Datasheet HTML 5Page - ON Semiconductor NSS40201LT1G_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NSS40201LT1G, NSV40201LT1G
http://onsemi.com
5
TYPICAL CHARACTERISTICS
100 ms
1 s
1 ms
100 ms
Figure 7. Input Capacitance
Figure 8. Output Capacitance
VEB, EMITTER BASE VOLTAGE (V)
VCB, COLLECTOR BASE VOLTAGE (V)
6
5
4
3
2
1
0
175
200
225
275
300
325
375
400
35
30
25
20
15
10
5
0
10
20
30
40
50
60
70
80
Figure 9. Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.01
0.01
0.1
1
10
250
350
Cibo(pF)
Cobo(pF)
10 ms
Single Pulse Test
at Tamb = 25°C


Similar Part No. - NSS40201LT1G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40201LT1G ONSEMI-NSS40201LT1G_16 Datasheet
92Kb / 6P
   NPN Transistor
October, 2016 ??Rev. 9
More results

Similar Description - NSS40201LT1G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C201MZ4 ONSEMI-NSS1C201MZ4 Datasheet
122Kb / 6P
   100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0
NSS1C201MZ4 ONSEMI-NSS1C201MZ4_10 Datasheet
106Kb / 6P
   100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2
NSS40501UW3 ONSEMI-NSS40501UW3_13 Datasheet
109Kb / 5P
   40 V, 5.0 A, Low VCE(sat) NPN Transistor
August, 2013 ??Rev. 5
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
   40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
131Kb / 5P
   40 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
NSS1C200MZ4T1G ONSEMI-NSS1C200MZ4T1G Datasheet
110Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
March, 2013??Rev. 5
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com