Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS30101LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS30101LT1G
Description  30 V, 2 A, Low VCE(sat) NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS30101LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSS30101LT1G_09 Datasheet HTML 1Page - ON Semiconductor NSS30101LT1G_09 Datasheet HTML 2Page - ON Semiconductor NSS30101LT1G_09 Datasheet HTML 3Page - ON Semiconductor NSS30101LT1G_09 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSS30101LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
30
Vdc
Collector−Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
50
Vdc
Emitter−Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
0.1
mAdc
Collector−Emitter Cutoff Current
(VCES = 30 Vdc)
ICES
0.1
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc)
IEBO
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 50 mA, VCE = 5.0 V)
(IC = 0.5 A, VCE = 5.0 V)
(IC = 1.0 A, VCE = 5.0 V)
hFE
300
300
200
900
Collector−Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 100 mA)
(IC = 0.5 A, IB = 50 mA)
(IC = 0.1 A, IB = 1.0 mA)
VCE(sat)
0.200
0.125
0.075
V
Base −Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 0.1 A)
VBE(sat)
1.1
V
Base −Emitter Turn−on Voltage (Note 3)
(IC = 1.0 mA, VCE = 2.0 V)
VBE(on)
1.1
V
Cutoff Frequency
(IC = 100 mA, VCE = 5.0 V, f = 100 MHz
fT
100
MHz
Output Capacitance (f = 1.0 MHz)
Cobo
15
pF
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%
Figure 1. VCE versus Ib
0.001
0.2
0.01
0.1
1.0
0
0.1
Ib (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 2. VCE versus Ic
0.001
2
0.01
0.1
1.0
0
0.1
Ic (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IC = 2 A
IC = 1 A
IC = 500 mA
IC = 100 mA
Ic/Ib = 100
Ic/Ib = 10


Similar Part No. - NSS30101LT1G_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30101LT1G ONSEMI-NSS30101LT1G_16 Datasheet
97Kb / 4P
   NPN Transistor
October, 2016 ??Rev. 2
More results

Similar Description - NSS30101LT1G_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30101LT1G ONSEMI-NSS30101LT1G Datasheet
60Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
70Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
PBSS4140T SEMTECH_ELEC-PBSS4140T Datasheet
187Kb / 2P
   30 V Low VCE(sat) NPN Transistor
logo
ON Semiconductor
NSS30071MR6T1G ONSEMI-NSS30071MR6T1G Datasheet
62Kb / 6P
   30 V, 0.7 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G_11 Datasheet
148Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 1
NSS30100LT1G ONSEMI-NSS30100LT1G Datasheet
68Kb / 6P
   30 V, 2 A, Low Vce(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30100LT1G ONSEMI-NSS30100LT1G_13 Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com