Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV20200LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSV20200LT1G
Description  20 V, 4.0 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV20200LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSV20200LT1G Datasheet HTML 1Page - ON Semiconductor NSV20200LT1G Datasheet HTML 2Page - ON Semiconductor NSV20200LT1G Datasheet HTML 3Page - ON Semiconductor NSV20200LT1G Datasheet HTML 4Page - ON Semiconductor NSV20200LT1G Datasheet HTML 5Page - ON Semiconductor NSV20200LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 4
1
Publication Order Number:
NSS20200L/D
NSS20200LT1G,
NSV20200LT1G
20 V, 4.0 A, Low VCE(sat)
PNP Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Features
AEC−Q101 Qualified and PPAP Capable
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
NSS20200LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
SOT−23 (TO−236)
CASE 318
STYLE 6
http://onsemi.com
−20 VOLTS
4.0 AMPS
PNP LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 65 mW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
VC M G
G
VC = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
(Note: Microdot may be in either location)
NSV20200LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel


Similar Part No. - NSV20200LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV20200LT1G ONSEMI-NSV20200LT1G Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 5
More results

Similar Description - NSV20200LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
102Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20200LT1G ONSEMI-NSS20200LT1G_07 Datasheet
106Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSV40200LT1G ONSEMI-NSV40200LT1G Datasheet
119Kb / 6P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
NSS40200UW6T1G ONSEMI-NSS40200UW6T1G Datasheet
66Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
NSS20201LT1G ONSEMI-NSS20201LT1G Datasheet
131Kb / 5P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com