Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS1C201MZ4T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS1C201MZ4T1G
Description  100 V, 2.0 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1C201MZ4T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS1C201MZ4T1G Datasheet HTML 1Page - ON Semiconductor NSS1C201MZ4T1G Datasheet HTML 2Page - ON Semiconductor NSS1C201MZ4T1G Datasheet HTML 3Page - ON Semiconductor NSS1C201MZ4T1G Datasheet HTML 4Page - ON Semiconductor NSS1C201MZ4T1G Datasheet HTML 5Page - ON Semiconductor NSS1C201MZ4T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NSS1C201MZ4
http://onsemi.com
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.001
0.01
0.1
1
10
Figure 7. Base−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC /IB = 50
25°C
150°C
−55°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
Figure 8. Base−Emitter Voltage
IC, COLLECTOR CURRENT (A)
150°C
25°C
−55°C
VCE = 2 V
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
Figure 9. Collector Saturation Region
IB, BASE CURRENT (A)
TJ = 25°C
IC = 0.1 A
0.5 A
1 A
2 A
3 A
0
50
100
150
200
250
300
350
400
01
23
4
5
67
8
Figure 10. Input Capacitance
VEB, BASE−EMITTER VOLTAGE (V)
TJ = 25°C
fTEST = 1 MHz
0
5
10
15
20
25
30
35
40
45
50
0
10
2030
405060
7080
90
100
Figure 11. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
TJ = 25°C
fTEST = 1 MHz
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
Figure 12. Current Gain Bandwidth Product
IC, COLLECTOR CURRENT (A)
TJ = 25°C
fTEST = 1 MHz
VCE = 5 V


Similar Part No. - NSS1C201MZ4T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C201MZ4T1G ONSEMI-NSS1C201MZ4T1G Datasheet
122Kb / 6P
   100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0
NSS1C201MZ4T1G ONSEMI-NSS1C201MZ4T1G Datasheet
109Kb / 5P
   NPN Transistor
March, 2013 ??Rev. 4
More results

Similar Description - NSS1C201MZ4T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C201MZ4 ONSEMI-NSS1C201MZ4 Datasheet
122Kb / 6P
   100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
NSS1C200MZ4T1G ONSEMI-NSS1C200MZ4T1G Datasheet
110Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
March, 2013??Rev. 5
NSS40201LT1G ONSEMI-NSS40201LT1G_13 Datasheet
107Kb / 6P
   40 V, 2.0 A, Low VCE(sat) NPN Transistor
June, 2013 ??Rev. 8
NSS1C301ET4G ONSEMI-NSS1C301ET4G_14 Datasheet
116Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
January, 2014 ??Rev. 4
NSS1C201LT1G ONSEMI-NSS1C201LT1G Datasheet
107Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2008 ??Rev. 0
NSS1C301ET4G ONSEMI-NSS1C301ET4G Datasheet
83Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2013 ??Rev. 3
NSS1C201L ONSEMI-NSS1C201L_14 Datasheet
78Kb / 6P
   100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com