Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVHPD660T4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRVHPD660T4G
Description  Switch Mode Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVHPD660T4G Datasheet(HTML) 2 Page - ON Semiconductor

  NRVHPD660T4G Datasheet HTML 1Page - ON Semiconductor NRVHPD660T4G Datasheet HTML 2Page - ON Semiconductor NRVHPD660T4G Datasheet HTML 3Page - ON Semiconductor NRVHPD660T4G Datasheet HTML 4Page - ON Semiconductor NRVHPD660T4G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NHPD660, NRVHPD660
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
Average Rectified Forward Current
(Rated VR, TC = 145°C)
IF(AV)
6.0
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz, TC = 135°C)
IFRM
12.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, 60 Hz)
IFSM
60
A
Operating Junction and Storage Temperature Range
TJ, Tstg
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Value
Unit
Thermal Resistance − Junction−to−Case
RqJC
4.2
°C/W
Thermal Resistance − Junction−to−Ambient (Note 1)
RqJA
95.7
°C/W
1. Rating applies when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage
(Note 2)
(iF = 6 A, TC = 125°C)
(iF = 6 A, TC = 25°C)
vF
1.45
2.4
1.8
3.0
V
Instantaneous Reverse Current
(Note 2)
(Rated DC Voltage, TC = 125°C)
(Rated DC Voltage, TC = 25°C)
iR
35
0.035
300
30
mA
Reverse Recovery Time
(IF = 0.5 A, Irr = 0.25 A, IR = 1 A)
(IF = 1 A, dIF/dt = −50 A/ms, VR = 30 V)
trr
30
50
ns
Reverse Recovery Time
Peak Reverse Recovery Current
Total Reverse Recovery Charge
Softness Factor
(IF = 6 A, dIF/dt = −200 A/ms, TC = 25°C)
trr
IRM
Qrr
S
30
2.3
37
2
50
3
50
ns
A
nC
Reverse Recovery Time
Peak Reverse Recovery Current
Total Reverse Recovery Charge
Softness Factor
(IF = 6 A, dIF/dt = −200 A/ms, TC = 125°C)
trr
IRM
Qrr
S
45
5.5
150
0.35
ns
A
nC
Forward Recovery Time
Forward Voltage Time
(IF = 6 A, dIF/dt = 120 A/ms, TC = 25°C)
tfr
VFP
200
6
ns
V
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NRVHPD660T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVHP120SF ONSEMI-NRVHP120SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 0
NRVHP120SFT3G ONSEMI-NRVHP120SFT3G Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 0
NRVHP160SF ONSEMI-NRVHP160SF Datasheet
142Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NRVHP160SFT3G ONSEMI-NRVHP160SFT3G Datasheet
142Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NRVHP220SF ONSEMI-NRVHP220SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 2
More results

Similar Description - NRVHPD660T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com