Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHPM220 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NHPM220
Description  Surface Mount Ultra Fast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHPM220 Datasheet(HTML) 4 Page - ON Semiconductor

  NHPM220 Datasheet HTML 1Page - ON Semiconductor NHPM220 Datasheet HTML 2Page - ON Semiconductor NHPM220 Datasheet HTML 3Page - ON Semiconductor NHPM220 Datasheet HTML 4Page - ON Semiconductor NHPM220 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NHPM220, NRVHPM220
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
TJ = 175°C
Square Wave
dc
IPK/IAV = 5
IPK/IAV = 20
IPK/IAV = 10
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
25%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
1.0
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
25%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
Figure 8. Thermal Response, Junction−to−Ambient (20 mm2 pad)
1.0
1000
Figure 9. Thermal Response, Junction−to−Ambient (1 in2 pad)


Similar Part No. - NHPM220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NHPM260T3G ONSEMI-NHPM260T3G Datasheet
72Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
September, 2015 ??Rev. 2
More results

Similar Description - NHPM220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NHPM120 ONSEMI-NHPM120 Datasheet
71Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
December, 2014 ??Rev. 0
NHPM260T3G ONSEMI-NHPM260T3G Datasheet
72Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
September, 2015 ??Rev. 2
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com