Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHP120SF Datasheet(PDF) 3 Page - ON Semiconductor

Part # NHP120SF
Description  Surface Mount Ultrafast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP120SF Datasheet(HTML) 3 Page - ON Semiconductor

  NHP120SF Datasheet HTML 1Page - ON Semiconductor NHP120SF Datasheet HTML 2Page - ON Semiconductor NHP120SF Datasheet HTML 3Page - ON Semiconductor NHP120SF Datasheet HTML 4Page - ON Semiconductor NHP120SF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NHP120SF, NRVHP120SF
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.1
0.9
0.7
0.5
0.3
0.1
0.001
1
10
100
1.2
0.8
0.6
0.2
0
0.001
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
180
120
100
80
60
40
20
0
1.E−12
200
140
120
80
40
20
0
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0
10
100
1000
1.4
140
200
1.E−11
1.E−09
1.E−08
1.E−06
1.E−05
1.E−03
60
100
1.E−08
1.E−07
1.E−05
1.E−03
20
200
TA = 175°C
TA = 125°C
TA = −40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−04
Figure 6. Current Derating
TC, CASE TEMPERATURE (°C)
100
60
160
140
20
0
0
0.5
1.5
2.0
40
120
Square Wave
DC
RqJC = 23°C/W
TJ = 25°C
1.5
0.4
1.0
160
TA = 150°C
TA = 175°C
TA = 175°C
0.1
0.01
0.1
0.01
TA = −40°C
1.E−10
1.E−07
1.E−04
160
TA = 150°C
TA = 125°C
TA = 25°C
TA = 175°C
TA = −40°C
180
40
60
80
100
120
140 160 180
1.0
80
180
1.E−06
1.E−09
1.E−10
1.3
1


Similar Part No. - NHP120SF

ManufacturerPart #DatasheetDescription
logo
ABB
NHP139037R1 ABB-NHP139037R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
NHP139037R2 ABB-NHP139037R2 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
ON Semiconductor
NHP160SF ONSEMI-NHP160SF Datasheet
142Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NHP160SFT3G ONSEMI-NHP160SFT3G Datasheet
142Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
More results

Similar Description - NHP120SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA260T3 ONSEMI-MURA260T3 Datasheet
48Kb / 4P
   Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
MURA160T3 ONSEMI-MURA160T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifier
January, 2003 - Rev. 3
logo
Solid States Devices, I...
RC0128D SSDI-RC0128D_15 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
NHP260SF ONSEMI-NHP260SF Datasheet
145Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NHP220SF ONSEMI-NHP220SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 2
MURA160 ONSEMI-MURA160 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifier
October, 2016 ??Rev. 7
NHPAF320 ONSEMI-NHPAF320_16 Datasheet
67Kb / 5P
   Surface Mount Ultrafast Power Rectifier
November, 2016 ??Rev. 1
MURA160T3G ONSEMI-MURA160T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 6
MURA260T3G ONSEMI-MURA260T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 4
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60_1 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com