Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM200HB06BL Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # GM200HB06BL
Description  2-PACK IGBT MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

GM200HB06BL Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  GM200HB06BL Datasheet HTML 1Page - KEC(Korea Electronics) GM200HB06BL Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
SEMICONDUCTOR
TECHNICAL DATA
GM200HB06BL
600V/200A
2-PACK IGBT MODULE (Half - Bridge)
FEATURES
・Trench IGBT Technology
・Low V
CE(sat)
・Low Turn-off loss
・Short tail current
APPLICATION
・Motor Controls
・General purpose inverters
・Servo Controls
INTERNAL CIRCUIT
13 0.3
+
_
13 0.3
+
_
13 0.3
+
_
17 0.3
+
_
OUTLINE DRAWING
Unit : mm
93 0.5
+
_
80 0.5
+
_
23 0.3
+
_
+
_
23 0.3
1
6
7
5
4
23
MAXIMUM RATING (@Tc=25
℃ Per Leg, Unless otherwise noted)
1
2
6
7
3
5
4
1. C2 /E1
2. E2
3. C1
4. G1
5. E1
6. G2
7. E2
2013. 9. 02
Revision No : 0
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-to-Emitter Voltage
VCES
600
V
Gate-Emitter Voltage
VGES
±20
V
Continuous Collector Current
@TC=25℃
IC
265
A
@TC=80℃
200
Pulsed Collector Current *
ICP
400
A
Diode Continuous Forward Current
@TC=25℃
IF
265
A
@TC=80℃
200
Isolation Voltage test
AC @ 1 minute
Viso
2500
V
Junction Temperature
Tj
-40 ~ +150
Storage Temperature
Tstg
-40 ~ +125
Weight
Weight
190
±5
g
Mounting Torque (M6)
M
5
N.m
Terminal Connection torque (M5)
M
4
N.m
* Half sine wave at 60Hz, peak value.


Similar Part No. - GM200HB06BL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
GM200HB12CT KEC-GM200HB12CT Datasheet
420Kb / 3P
   1200V/200A 2 IN ONE PACKAGE
More results

Similar Description - GM200HB06BL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
GM100HB06BLA KEC-GM100HB06BLA Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
logo
Fuji Electric
2MBI75S FUJI-2MBI75S Datasheet
297Kb / 4P
   IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A
logo
SEMPO ELECTRONIC Limite...
SMPS7-10-12 SEMPO-SMPS7-10-12 Datasheet
61Kb / 1P
   7-pack IGBT Module
SMPS7-25-12 SEMPO-SMPS7-25-12 Datasheet
61Kb / 1P
   7-pack IGBT Module
logo
Nihon Inter Electronics...
PTMB50E6C NIEC-PTMB50E6C Datasheet
320Kb / 4P
   IGBT Module-Six Pack
logo
SEMPO ELECTRONIC Limite...
SMPS6-40-12 SEMPO-SMPS6-40-12 Datasheet
59Kb / 1P
   6-pack IGBT Module
SMPS7-15-12 SEMPO-SMPS7-15-12 Datasheet
61Kb / 1P
   7-pack IGBT Module
logo
Nihon Inter Electronics...
PTMB75A6C NIEC-PTMB75A6C Datasheet
125Kb / 3P
   IGBT Module-Six Pack
PTMB100E6C NIEC-PTMB100E6C Datasheet
333Kb / 4P
   IGBT Module-Six Pack
PTMB75E6C NIEC-PTMB75E6C Datasheet
328Kb / 4P
   IGBT Module-Six Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com