Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8170AXV120T2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8170AXV120T2G
Description  Ultra?륧ow IQ 150 mA CMOS LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8170AXV120T2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8170AXV120T2G Datasheet HTML 6Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 7Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 8Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 9Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 10Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 11Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 12Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 13Page - ON Semiconductor NCV8170AXV120T2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCV8170
www.onsemi.com
10
ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 3.6 V
(−40
°C ≤ TJ ≤ 125°C; VIN = 4.6 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TA = +25°C.) (Note 31)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating Input Voltage
2.2
5.5
V
VOUT
Output Voltage
TA = +25°C
3.564
3.6
3.636
V
−40
°C ≤ TJ ≤ 125°C
3.528
3.6
3.672
LineReg
Line Regulation
4.6 V < VIN ≤ 5.5 V, IOUT = 1 mA
0.05
0.20
%/V
LoadReg
Load Regulation
0 mA < IOUT ≤ 150 mA, VIN = 4.6 V
−20
1
20
mV
VDO
Dropout Voltage
IOUT = 150 mA (Note 32)
170
240
mV
IOUT
Output Current
(Note 33)
150
mA
ISC
Short Circuit Current Limit
VOUT = 0 V
195
mA
IQ
Quiescent Current
IOUT = 0 mA
0.5
0.9
mA
ISTB
Standby Current
VEN = 0 V, TJ = 25°C
0.1
0.5
mA
VENH
EN Pin Threshold Voltage
EN Input Voltage “H”
1.2
V
VENL
EN Pin Threshold Voltage
EN Input Voltage “L”
0.4
V
IEN
EN Pull Down Current
VEN ≤ VIN ≤ 5.5 V (Note 34)
10
nA
PSRR
Power Supply Rejection Ratio
f = 1 kHz, VIN = 4.6 V + 200 mVpp Modulation
IOUT = 150 mA
30
dB
VNOISE
Output Noise Voltage
VIN = 5.5 V, IOUT = 1 mA
f = 100 Hz to 1 MHz, COUT = 1 mF
130
mVrms
RLOW
Active Output Discharge
Resistance (A option only)
VIN = 5.5 V, VEN = 0 V (Note 34)
100
W
TSD
Thermal Shutdown Temperature
Temperature Increasing from TJ = +25°C
(Note 34)
175
°C
TSDH
Thermal Shutdown Hysteresis
Temperature Falling from TSD (Note 34)
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
31. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at
TJ =TA =25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
32. Characterized when VOUT falls 108 mV below the regulated voltage and only for devices with VOUT = 3.6 V.
33. Respect SOA.
34. Guaranteed by design and characterization.
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature,
Vout = 1.2 V
Figure 4. Output Voltage vs. Temperature,
Vout = 1.8 V
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
1.190
1.192
1.194
1.196
1.198
1.200
1.202
80
60
40
20
0
−20
−40
1.790
1.792
1.794
1.796
1.798
1.800
1.802
Vin = 5.5 V
Vin = 3.0 V
Vin = 2.2 V
Vin = 5.5 V
Vin = 3.5 V
Vin = 2.8 V
NCV8170xxx120TyG
Cin = Cout = 1
mF
Iout = 1 mA
NCV8170xxx180TyG
Cin = Cout = 1
mF
Iout = 1 mA
100
120
100
120


Similar Part No. - NCV8170AXV120T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
   Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
NCV8177 ONSEMI-NCV8177 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMTW085TCG ONSEMI-NCV8177AMTW085TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCV8177AMTW090TCG ONSEMI-NCV8177AMTW090TCG Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMTW090TCG ONSEMI-NCV8177AMTW090TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8170AXV120T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com