Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8154MN330180TBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8154MN330180TBG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8154MN330180TBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8154MN330180TBG Datasheet HTML 3Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 4Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 5Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 6Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 7Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 8Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 9Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 10Page - ON Semiconductor NCV8154MN330180TBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV8154
www.onsemi.com
7
TYPICAL CHARACTERISTICS
600
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. Current Limit vs. Temperature
−40
−20
0
20
40
60
80
100
120 140
575
550
525
500
475
450
425
400
375
350
VIN = 3.8 V
VOUT = 90% VOUT(NOM)
CIN = COUT = 1 mF
VIN = 5.25 V
600
TJ, JUNCTION TEMPERATURE (°C)
Figure 15. Short−Circuit Current vs.
Temperature
−40
−20
0
20
40
60
80
100
120 140
575
550
525
500
475
450
425
400
375
350
VIN = 3.8 V
VIN = 5.25 V
VOUT = 0 V
CIN = COUT = 1 mF
530
VIN, INPUT VOLTAGE (V)
Figure 16. Short−Circuit Current vs. Input
Voltage
2.5
2.8
3.1
3.7
4.0
4.3
4.6
4.9
5.2
5.5
520
510
500
490
480
470
460
450
440
430
3.4
VOUT = 0 V
CIN = COUT = 1 mF
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 17. Disable Current vs. Temperature
−40
−20
0
20
40
60
80
100
120 140
VIN = 4.3 V
VOUT = 0 V
VEN = 0 V
CIN = COUT = 1 mF
90
80
70
60
50
40
30
20
10
0
1.0
TJ, JUNCTION TEMPERATURE (°C)
Figure 18. Enable Thresholds vs. Temperature
−40
−20
0
20
40
60
80
100
120 140
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VIN = 4.3 V
VOUT = 0 V
CIN = COUT = 1 mF
OFF −> ON
ON −> OFF
500
TJ, JUNCTION TEMPERATURE (°C)
Figure 19. Current to Enable Pin vs.
Temperature
−40
−20
0
20
40
60
80
100
120 140
450
400
350
300
250
200
150
100
50
0
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF


Similar Part No. - NCV8154MN330180TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154MN330180TBG ONSEMI-NCV8154MN330180TBG Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8154MN330180TBG ONSEMI-NCV8154MN330180TBG Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results

Similar Description - NCV8154MN330180TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com