Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8152 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8152
Description  Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8152 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8152 Datasheet HTML 1Page - ON Semiconductor NCV8152 Datasheet HTML 2Page - ON Semiconductor NCV8152 Datasheet HTML 3Page - ON Semiconductor NCV8152 Datasheet HTML 4Page - ON Semiconductor NCV8152 Datasheet HTML 5Page - ON Semiconductor NCV8152 Datasheet HTML 6Page - ON Semiconductor NCV8152 Datasheet HTML 7Page - ON Semiconductor NCV8152 Datasheet HTML 8Page - ON Semiconductor NCV8152 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 1
1
Publication Order Number:
NCV8152/D
NCV8152
Dual 150 mA, Low IQ, Low
Dropout Voltage Regulator
The NCV8152 is 150 mA, Dual Output Linear Voltage Regulator.
Device provides a very stable and accurate voltage with ultra low
noise and very high Power Supply Rejection Ratio (PSRR) suitable for
RF applications. The NCV8152 is suitable for powering RF blocks of
automotive infotainment systems and other power sensitive device.
Due to low power consumption the NCV8152 offers high efficiency
and low thermal dissipation.
Features
Operating Input Voltage Range: 1.9 V to 5.25 V
Two Independent Output Voltages:
(for details please refer to the Ordering Information section)
Very Low Dropout: 150 mV Typical at 150 mA
Low IQ of typ. 50 mA per Channel
High PSRR: 75 dB at 1 kHz
Two Independent Enable Pins
Thermal Shutdown and Current Limit Protections
Stable with a 0.22 mF Ceramic Output Capacitor
Available in XDFN6 1.2 x 1.2 mm Package
Active Output Discharge for Fast Output Turn−Off
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Wireless LAN, Bluetooth®, ZigBee® Interfaces
Parking Camera Modules
Automotive Infotainment Systems
IN
EN1
EN2
OUT2
OUT1
GND
NCV8152
VOUT2
VOUT1
COUT2
0.22
mF
COUT1
0.22
mF
CIN1
0.22
mF
VIN1
Figure 1. Typical Application Schematic
XDFN6, 1.2x1.2
CASE 711AT
MARKING
DIAGRAM
www.onsemi.com
See detailed ordering and shipping information on page 16 of
this data sheet.
ORDERING INFORMATION
XDFN6
(Top view)
6
5
4
1
2
3
OUT1
EN1
PIN CONNECTIONS
OUT2
GND
IN
EN2
X
= Specific Device Code
M
= Date Code
X M


Similar Part No. - NCV8152

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154 Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results

Similar Description - NCV8152

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com